Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53C94JC Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AM53C94JC
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C94JC Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM53C94JC Datasheet HTML 25Page - Advanced Micro Devices AM53C94JC Datasheet HTML 26Page - Advanced Micro Devices AM53C94JC Datasheet HTML 27Page - Advanced Micro Devices AM53C94JC Datasheet HTML 28Page - Advanced Micro Devices AM53C94JC Datasheet HTML 29Page - Advanced Micro Devices AM53C94JC Datasheet HTML 30Page - Advanced Micro Devices AM53C94JC Datasheet HTML 31Page - Advanced Micro Devices AM53C94JC Datasheet HTML 32Page - Advanced Micro Devices AM53C94JC Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
P R E L I M I N A R Y
AMD
29
Am53C94/Am53C96
Clock Factor Register (09H) Write
3
Clock Factor Register
CLKFREG
Address: 09H
Type: Write
7654
210
RES
RES
RES
RES
RES
CLKF2
CLKF1
CLKF0
xxxxx
0
1
0
Reserved
Reserved
Reserved
Reserved
Clock Factor 2:0
Reserved
16506C-29
The Clock Factor Register (CLKFREG) must be set to
indicate the input frequency range of the device. This
value is crucial for controlling various timings to meet the
SCSI specification. The selector can be calculated by
rounding off the quotient of (Input Clock Frequency in
MHz)/(5 MHz). The device has a frequency range of 10
to 25 MHz.
CLKFREG – Bits 7:3 – RES – Reserved
CLKFREG – Bits 2:0 – CLKF 2:0 – Clock Factor 2:0
The CLKF 2:0 bits specify the binary coded value of the
clock factor. The CLKF 2:0 bits will default to a value of 2
by a hard or soft reset.
Input Clock
CLKF2
CLKF1
CLKF0
Frequency in MHz
01
0
10
0
1
1
10.01 to 15
1
0
0
15.01 to 20
1
0
1
20.01 to 25
Forced Test Mode Register (0AH) Write
3
Forced Test Mode Register
FTMREG
Address: 0AH
Type: Write
7654
210
RES
RES
RES
RES
RES
FHI
FIM
FTM
xxxxx
0
0
0
Reserved
Reserved
Reserved
Reserved
Forced High Impedance Mode
Forced Initiator Mode
Forced Target Mode
Reserved
16506C-30
The Forced Test Mode Register (FTMREG) is for test
use only. The STE bit in the CNTLREG1 must be set for
the FTMREG to operate.
FTMREG – Bits 7:3 – RES – Reserved
FTMREG – Bit 2 – FHI – Forced High Impedance
Mode
The FHI bit when set places all the output and bidirec-
tional pins into a high impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com