Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53C94JC Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # AM53C94JC
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C94JC Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button AM53C94JC Datasheet HTML 45Page - Advanced Micro Devices AM53C94JC Datasheet HTML 46Page - Advanced Micro Devices AM53C94JC Datasheet HTML 47Page - Advanced Micro Devices AM53C94JC Datasheet HTML 48Page - Advanced Micro Devices AM53C94JC Datasheet HTML 49Page - Advanced Micro Devices AM53C94JC Datasheet HTML 50Page - Advanced Micro Devices AM53C94JC Datasheet HTML 51Page - Advanced Micro Devices AM53C94JC Datasheet HTML 52Page - Advanced Micro Devices AM53C94JC Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
P R E L I M I N A R Y
AMD
49
Am53C94/Am53C96
60
tPD
DACK
to DREQ
Valid Delay
38
ns
61
tP
DACK
to
DACK
period
100
ns
62
tPWL
DACK Pulse Width Low
60
ns
63
tS
DACK
to
DMARD
Set Up Time
0
ns
64
tS
BHE, AS0 to
DMARD
Set Up Time
20
ns
65
tPWL
DMARD Pulse Width Low
60
ns
66
tPD
DMARD
to Data Valid Delay
51
ns
67
tH
BHE, AS0 to
DMARD
Hold Time
20
ns
68
tH
DMARD
to
DACK
Hold Time
0
ns
69
tZ
DMARD
to Data High Impedance
40
ns
70
tH
DMARD
to Data Hold Time
2
ns
71
tPD
DACK
to DREQ
Valid Delay
40
ns
72
tP
DACK
to
DACK
period
100
ns
73
tPWH
DACK Pulse Width High
12
ns
74
tS
DACK
to
DMAWR
Set Up Time
0
ns
75
tS
BHE, AS0 to
DMAWR
Set Up Time
20
ns
76
tPWL
DMAWR Pulse Width Low
50
ns
77
tS
Data to
DMAWR
Set Up Time
15
ns
78
tH
BHE, AS0 to
DMAWR
Hold Time
20
ns
79
tH
DMAWR
to
DACK
Hold Time
0
ns
80
tPWH
DMAWR Pulse Width High
40
ns
81
tH
Data to
DMAWR
Hold Time
0
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Note:
There is a one-to-one relationship between every AMD and NCR Parameter (refer to Appendix B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com