Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53C94JC Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM53C94JC
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C94JC Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM53C94JC Datasheet HTML 12Page - Advanced Micro Devices AM53C94JC Datasheet HTML 13Page - Advanced Micro Devices AM53C94JC Datasheet HTML 14Page - Advanced Micro Devices AM53C94JC Datasheet HTML 15Page - Advanced Micro Devices AM53C94JC Datasheet HTML 16Page - Advanced Micro Devices AM53C94JC Datasheet HTML 17Page - Advanced Micro Devices AM53C94JC Datasheet HTML 18Page - Advanced Micro Devices AM53C94JC Datasheet HTML 19Page - Advanced Micro Devices AM53C94JC Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
P R E L I M I N A R Y
AMD
16
Am53C94/Am53C96
SELC
Select Control
(Output, Active Low, Open Drain)
This is a SCSI output with 48 mA drive. When the device
is configured in the Single Ended SCSI Mode (
DFMODE
inactive) this pin is defined as a
SEL output for the SCSI
bus. When the device is configured in the Differential
SCSI Mode (
DFMODE active) this pin is defined as the
direction control for the external differential transceiver.
In this mode, a signal high state corresponds to an out-
put to the SCSI bus and a low state corresponds to an
input from the SCSI bus.
RSTC
Reset Control
(Output, Active Low, Open Drain)
This is a SCSI output with 48 mA drive. The Reset SCSI
command will cause the device to drive
RSTC active for
25 ms–40 ms, which will depend on the CLK frequency
and the conversion factor. When the device is config-
ured in the Single Ended SCSI Mode (
DFMODE inac-
tive) this pin is defined as a RST output for the SCSI bus.
When the device is configured in the Differential SCSI
Mode (
DFMODE active) this pin is defined as the direc-
tion control for the external differential transceiver. In
this mode, a signal high state corresponds to an output
to the SCSI bus and a low state corresponds to an input
from the SCSI bus.
REQC
Request Control
(Output, Active Low, Open Drain)
This is a SCSI output with 48 mA drive. This signal is ac-
tivated only in the target mode.
ACKC
Acknowledge Control
(Output, Active Low, Open Drain)
This is a SCSI output with 48 mA drive. This signal is ac-
tivated only in the initiator mode.
ISEL
Initiator Select
(Output, Active High)
This signal is available on the Am53C96 only. This sig-
nal is active whenever the device is in the initiator mode.
In the differential mode this signal is used to enable the
initiator signals
ACKC and ATN and the device also
drives these signals.
TSEL
Target Select
(Output, Active High)
This signal is available on the Am53C96 only. This sig-
nal is active whenever the device is in the target mode.
In the differential mode this signal is used to enable the
target signals
REQC, MSG, C/D and I/O and the device
also drives these signals.
FUNCTIONAL DESCRIPTION
Register Map
Address
(Hex.)
Operation
Register
00
Read
Current Transfer Count
Register LSB
00
Write
Start Transfer Count Register
LSB
01
Read
Current Transfer Count
Register MSB
01
Write
Start Transfer Count Register
MSB
02
Read/Write
FIFO Register
03
Read/Write
Command Register
04
Read
Status Register
04
Write
SCSI Destination ID Register
05
Read
Interrupt Status Register
05
Write
SCSI Timeout Register
Address
(Hex.)
Operation
Register
06
Read
Internal State Register
06
Write
Synchronous Transfer Period
Register
07
Read
Current FIFO/Internal State
Register
07
Write
Synchronous Offset Register
08
Read/Write
Control Register 1
09
Write
Clock Factor Register
0A
Write
Forced Test Mode Register
0B
Read/Write
Control Register 2
0C
Read/Write
Control Register 3
0F
Write
Data Alignment Register
Note:
Not all registers in this device are both readable and writable. Some read only registers share the same address with write only
registers. The registers can be accessed by asserting the
CS signal and then asserting either RD or WR signal depending on the
operation to be performed. Only the FIFO Register can be accessed by asserting either
CS or DACK in conjunction with RD and
WR signals or DMARD and DMAWR signals. The register address inputs are ignored when DACK is used but must be valid
when
CS is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com