Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53C94JC Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM53C94JC
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C94JC Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM53C94JC Datasheet HTML 1Page - Advanced Micro Devices AM53C94JC Datasheet HTML 2Page - Advanced Micro Devices AM53C94JC Datasheet HTML 3Page - Advanced Micro Devices AM53C94JC Datasheet HTML 4Page - Advanced Micro Devices AM53C94JC Datasheet HTML 5Page - Advanced Micro Devices AM53C94JC Datasheet HTML 6Page - Advanced Micro Devices AM53C94JC Datasheet HTML 7Page - Advanced Micro Devices AM53C94JC Datasheet HTML 8Page - Advanced Micro Devices AM53C94JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
This document contains information on a product under development at Advanced Micro Devices Inc. The information is intended
to help you to evaluate this product. AMD reserves the right to change or discontinue work on this proposed product without notice.
Publication# 16506
Rev. C
Amendment /0
Issue Date: May 1993
Advanced
Micro
Devices
Am53C94/Am53C96
High Performance SCSI Controller
PRELIMINARY
DISTINCTIVE CHARACTERISTICS
s
Pin/function compatible with NCR53C94/53C96
s
AMD’s Patented GLITCH EATERTM Circuitry on
REQ and ACK inputs
s
5 Mbytes per second synchronous SCSI
transfer rate
s
20 Mbytes per second DMA transfer rate
s
16-bit DMA Interface plus 2 bits of parity
s
Flexible three bus architecture
s
Single ended SCSI bus supported by
Am53C94
s
Single ended and differential SCSI bus
supported by Am53C96
s
Selection of multiplexed or non-multiplexed
address and data bus
s
High current drivers (48 mA) for direct
connection to the single ended SCSI bus
s
Supports Disconnect and Reselect commands
s
Supports burst mode DMA operation with a
threshold of 8
s
Supports 3-byte-tagged queuing as per the
SCSI-2 specification
s
Supports group 2 and 5 command recognition
as per the SCSI-2 specification
s
Advanced CMOS process for low power
consumption
s
Am53C94 available in 84-pin PLCC package
s
Am53C96 available in 100-pin PQFP package
GENERAL DESCRIPTION
The High Performance SCSI Controller (HPSC) has a
flexible three bus architecture. The HPSC has a 16-bit
DMA interface, an 8 bit host data interface and an 8-bit
SCSI data interface. The HPSC is designed to minimize
host intervention by implementing common SCSI se-
quences in hardware. An on-chip state machine re-
duces protocol overheads by performing the required
sequences in response to a single command from the
host. Selection, reselection, information transfer and
disconnection commands are directly supported.
The 16-byte-internal FIFO further assists in minimizing
host involvement. The FIFO provides a temporary stor-
age for all command, data, status and message bytes as
they are transferred between the 16 bit host data bus
and the 8 bit SCSI data bus. During DMA operations the
FIFO acts as a buffer to allow greater latency in the DMA
channel. This permits the DMA channel to be sus-
pended for higher priority operations such as DRAM re-
fresh or reception of an ISDN packet.
Parity on the DMA bus is optional. Parity can either be
generated and checked or it can be simply passed
through.
The patented GLITCH EATER Circuitry in the High Per-
formance SCSI Controller detects signal changes that
are less than or equal to 15 ns and filters them out. It is
designed to dramatically increase system performance
and reliability by detecting and filtering glitches that can
cause system failure.
The GLITCH EATER Circuitry is implemented on the
ACK and REQ lines only. These lines often encounter
many electrical anomalies which degrade system per-
formance and reliability. The two most common are Re-
flections and Voltage Spikes. Reflections are a result of
high current SCSI signals that are mismatched by stubs,
cables and terminators. These reflections vary from ap-
plication to application and can trigger false handshake
signals on the
ACK and REQ lines if the voltage ampli-
tude is at the TTL threshold levels. Spikes are generated
by high current SCSI signals switching concurrently. On
the control signals (
ACK and REQ) they can trigger false
data transfers which result in loss of data, addition of
random data, double clocking and reduced system reli-
ability. AMD’s GLITCH EATER Circuitry helps maintain
excellent system performance by treating the glitches.
Refer to the diagram on the next page.


Similar Part No. - AM53C94JC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM53C80 AMD-AM53C80 Datasheet
295Kb / 6P
Magnetic Disk Controller
AM53C80 AMD-AM53C80 Datasheet
274Kb / 6P
Optical Disk Controller
AM53C80N AMD-AM53C80N Datasheet
1Mb / 28P
SCSI Interface Controller
AM53C80NDC AMD-AM53C80NDC Datasheet
1Mb / 28P
SCSI Interface Controller
AM53C80NJC AMD-AM53C80NJC Datasheet
1Mb / 28P
SCSI Interface Controller
More results

Similar Description - AM53C94JC

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1185CQ SONY-CXD1185CQ Datasheet
360Kb / 35P
SCSI 1 Protocol Controller
logo
Advanced Micro Devices
AM33C93A AMD-AM33C93A Datasheet
3Mb / 49P
ENHANCED SCSI BUS INTERFACE CONTROLLER
logo
STMicroelectronics
AIC-43C97 STMICROELECTRONICS-AIC-43C97 Datasheet
146Kb / 5P
Automated, High-performance, Integrated, SCSI Protocol Controller designed for SCSI-2/SCSI-3 embedded peripheral applications
Rev. 1
logo
List of Unclassifed Man...
AIC-33C94 ETC1-AIC-33C94 Datasheet
107Kb / 2P
Enhanced SCSI Bus Controller
logo
National Semiconductor ...
DP8496 NSC-DP8496 Datasheet
960Kb / 92P
SCSI-2 Disk Data Controller
logo
List of Unclassifed Man...
LSI53C896 ETC1-LSI53C896 Datasheet
294Kb / 4P
ULTRA2 SCSI CONTROLLER
LSI53C875E ETC1-LSI53C875E Datasheet
368Kb / 4P
PCI-ULTRA SCSI CONTROLLER
LSI53C1000R ETC2-LSI53C1000R Datasheet
280Kb / 4P
ULTRA160 SCSI CONTROLLER
logo
Advanced Micro Devices
AM5380 AMD-AM5380 Datasheet
1Mb / 28P
SCSI Interface Controller
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
SCSI Bus Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com