Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53C94JC Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM53C94JC
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C94JC Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM53C94JC Datasheet HTML 35Page - Advanced Micro Devices AM53C94JC Datasheet HTML 36Page - Advanced Micro Devices AM53C94JC Datasheet HTML 37Page - Advanced Micro Devices AM53C94JC Datasheet HTML 38Page - Advanced Micro Devices AM53C94JC Datasheet HTML 39Page - Advanced Micro Devices AM53C94JC Datasheet HTML 40Page - Advanced Micro Devices AM53C94JC Datasheet HTML 41Page - Advanced Micro Devices AM53C94JC Datasheet HTML 42Page - Advanced Micro Devices AM53C94JC Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
P R E L I M I N A R Y
AMD
39
Am53C94/Am53C96
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
–65
°C to +150°C
. . . . . . . . . . .
Ambient Temperature Under Bias
–55
°C to +125°C
.
VDD
–0.5 V to +7.0 V
. . . . . . . . . . . . . . . . . . . . . . . . .
DC Voltage Applied to Any Pin
–0.5 to (VDD +0.5) V
.
Input Static Discharge Protection
4000 V pin to pin
. .
(Human body model: 100 pF at 1.5K
Ω)
Stresses above those listed under Absolute Maximum Rat-
ings may cause permanent device failure. Functionality at or
above these limits is not implied. Exposure to absolute maxi-
mum ratings for extended periods may affect device reliability.
OPERATING RANGES
Commercial Devices
Ambient Temperature (TA)0
°C to +70°C
. . . . . . .
Supply Voltage (VDD)
+4.75 V to +5.25 V
. . . . . . .
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com