Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53C94JC Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # AM53C94JC
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C94JC Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AM53C94JC Datasheet HTML 29Page - Advanced Micro Devices AM53C94JC Datasheet HTML 30Page - Advanced Micro Devices AM53C94JC Datasheet HTML 31Page - Advanced Micro Devices AM53C94JC Datasheet HTML 32Page - Advanced Micro Devices AM53C94JC Datasheet HTML 33Page - Advanced Micro Devices AM53C94JC Datasheet HTML 34Page - Advanced Micro Devices AM53C94JC Datasheet HTML 35Page - Advanced Micro Devices AM53C94JC Datasheet HTML 36Page - Advanced Micro Devices AM53C94JC Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
P R E L I M I N A R Y
AMD
33
Am53C94/Am53C96
COMMANDS
The device commands can be broadly divided into two
categories, DMA commands and non-DMA commands.
DMA commands are those which cause data movement
between the host memory and the SCSI bus while non-
DMA commands are those that cause data movement
between the device FIFO and the SCSI bus. The MSB of
the command byte differentiate the DMA from the non-
DMA commands.
Summary of Commands
Non-
DMA
DMA
Mode
Mode
Initiator Commands
Information Transfer
10
90
Initiator Command Complete Steps
11
91
Message Accepted
12
–
Transfer Pad Bytes
18
98
Set
ATN
1A
–
Reset
ATN
1B
–
Target Commands
Send Message
20
A0
Send Status
21
A1
Send Data
22
A2
Disconnect Steps
23
A3
Terminate Steps
24
A4
Target Command Complete Steps
25
A5
Disconnect
27
A7
Receive Message
28
A8
Receive Command Steps
29
A9
Receive Data
2A
AA
Receive Command Steps
2B
AB
Target Abort DMA
04
84
Non-
DMA
DMA
Mode
Mode
Idle State Commands
Reselect Steps
40
C0
Select without
ATN Steps
41
C1
Select with
ATN Steps
42
C2
Select with
ATN and Stop Steps
43
C3
Enable Selection/Reselection
44
C4
Disable Selection/Reselection
45
C5
Select With
ATN3
46
C6
General Commands
No Operation
00
80
Clear FIFO
01
81
Reset Device
02
82
Reset SCSI bus
03
83
Command Code
(Hex.)
Command Code
(Hex.)
Command
Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com