Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53C94JC Datasheet(PDF) 45 Page - Advanced Micro Devices

Part # AM53C94JC
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C94JC Datasheet(HTML) 45 Page - Advanced Micro Devices

Back Button AM53C94JC Datasheet HTML 41Page - Advanced Micro Devices AM53C94JC Datasheet HTML 42Page - Advanced Micro Devices AM53C94JC Datasheet HTML 43Page - Advanced Micro Devices AM53C94JC Datasheet HTML 44Page - Advanced Micro Devices AM53C94JC Datasheet HTML 45Page - Advanced Micro Devices AM53C94JC Datasheet HTML 46Page - Advanced Micro Devices AM53C94JC Datasheet HTML 47Page - Advanced Micro Devices AM53C94JC Datasheet HTML 48Page - Advanced Micro Devices AM53C94JC Datasheet HTML 49Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
P R E L I M I N A R Y
AMD
45
Am53C94/Am53C96
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
10
tS
Address to
CS
Set Up Time
0
ns
11
tH
Address to
CS
Hold Time
50
ns
12
tS
CS
to
RD
Set Up Time
0
ns
13
tPD
CS
to Data Valid Delay
90
ns
14
tPWL
RD Pulse Width Low
50
ns
15
tPD
RD
to Data Valid Delay
50
ns
16
tH
RD
to
CS
Hold Time
0
ns
17
tZ
RD
to Data High Impedance
40
ns
18
tH
RD
to Data Hold Time
2
ns
19
tPWH
CS Pulse Width High
40
ns
20
tS
CS
to
WR
Set Up Time
0
ns
21
tPWL
WR Pulse Width Low
40
ns
22
tS
Data to
WR
Set Up Time
15
ns
23
tH
WR
to
CS
Hold Time
0
ns
24
tS
WR
to
CS
Set Up Time
60
ns
25
tPWH
WR Pulse Width High
60
ns
26
tH
Data to
WR
Hold Time
0
ns
CS
RD
WR
AD 7–0
DMA 7–0
DMAP 0
A3–0
Register Read/Write with Non-Multiplexed Address Data Bus
10
11
10
11
19
19
23
24
16
12
14
20
21
25
22
26
15
13
18
17
16505C-39
Note:
There is a one-to-one relationship between every AMD and NCR Parameter (refer to Appendix B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com