Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53C94JC Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AM53C94JC
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C94JC Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AM53C94JC Datasheet HTML 36Page - Advanced Micro Devices AM53C94JC Datasheet HTML 37Page - Advanced Micro Devices AM53C94JC Datasheet HTML 38Page - Advanced Micro Devices AM53C94JC Datasheet HTML 39Page - Advanced Micro Devices AM53C94JC Datasheet HTML 40Page - Advanced Micro Devices AM53C94JC Datasheet HTML 41Page - Advanced Micro Devices AM53C94JC Datasheet HTML 42Page - Advanced Micro Devices AM53C94JC Datasheet HTML 43Page - Advanced Micro Devices AM53C94JC Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
P R E L I M I N A R Y
AMD
40
Am53C94/Am53C96
DC OPERATING CHARACTERISTICS
IDDS
Static Supply Current
VDD MAX
4.0
mA
IDDD
Dynamic Supply Current
VDD MAX
35
mA
ILU
Latch Up Current
All I/O
VLU
≤ 10 V
– 100
+100
mA
C
Capacitance
All Pins
10
pF
VIH
Input High Voltage
All SCSI Inputs
2.0
VDD + 0.5
V
VIL
Input Low Voltage
All SCSI Inputs
VSS – 0.5
0.8
V
VIHST
Input Hysterisis
All SCSI Inputs
4.75 V < VDD < 5.25 V
300
mV
VOH
Output High Voltage
SD 7–0, SDP
IOH = – 2 mA
2.4
VDD
V
VSOL1
SCSI Output Low Voltage
SD 7–0, SDP
IOL= 4 mA
VSS
0.4
V
VSOL2
SCSI Output Low Voltage
SDC 7–0, SDCP,
IOL= 48 mA
VSS
0.5
V
MSG, C/D, I/O,
ATN, RSTC,
SELC, BSYC,
ACKC and REQC
IIL
Input Low Leakage
0.0 V < VIN < 2.7 V
–10
+10
µA
IIH
Input High Leakage
2.7 V < VIN < VDD
–10
+10
µA
IOZ
High Impedance Leakage
0 V < VOUT < VDD
–10
+10
µA
VIH
Input High Voltage
2.0
VDD + 0.5
V
VIL
Input Low Voltage
VSS – 0.5
0.8
V
VOH
Output High Voltage
DMA 15–0,
IOH = – 2 mA
2.4
VDD
V
DMAP 1–0 and
AD 7–0
VOL
Output Low Voltage
DMA 15–0,
IOL= 4 mA
VSS
0.4
V
DMAP 1–0 and
AD 7–0
IIL
Input Low Leakage
DMA 15–0,
VIN = VIL
– 400
+10
µA
DMAP 1–0 and
AD 7–0
IIH
Input High Leakage
DMA 15–0,
VIN = VIH
–10
+10
µA
DMAP 1–0 and
AD 7–0
IOZ
High Impedance Leakage
0 V < VOUT < VDD
–100
400
µA
VOH
Output High Voltage
DREQ, ISEL,
IOH = – 2 mA
2.4
VDD
V
TSEL
VOL
Output Low Voltage
DREQ, ISEL,
IOL= 4 mA
VSS
0.4
V
TSEL
IOZ
High Impedance Leakage
0 V < VOUT < VDD
–10
+10
µA
Parameter
Symbol
Parameter Description
Pin Names
Test Conditions
Min
Max
Unit
SCSI Pins
Bidirectional Pins
Output Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com