Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPM1H331MPD Datasheet(PDF) 3 Page - Nichicon corporation

Part # UPM1H331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPM1H331MPD Datasheet(HTML) 3 Page - Nichicon corporation

  UPM1H331MPD Datasheet HTML 1Page - Nichicon corporation UPM1H331MPD Datasheet HTML 2Page - Nichicon corporation UPM1H331MPD Datasheet HTML 3Page - Nichicon corporation UPM1H331MPD Datasheet HTML 4Page - Nichicon corporation UPM1H331MPD Datasheet HTML 5Page - Nichicon corporation UPM1H331MPD Datasheet HTML 6Page - Nichicon corporation UPM1H331MPD Datasheet HTML 7Page - Nichicon corporation UPM1H331MPD Datasheet HTML 8Page - Nichicon corporation UPM1H331MPD Datasheet HTML 9Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UPM
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
Rated Ripple
(mArms)
Part Number
(
at 20℃ after
1 minute
) 20℃/
100kHz
-10℃/
100kHz
105℃/
10 to
200kHz
105℃/
120Hz
10
(1A)
330
8×11.5
0.19
99
0.16
0.32
460
350
 UPM1A331MPD
390
8×15
0.19
117
0.14
0.28
550
430
 UPM1A391MPD
390
10×12.5
0.19
117
0.15
0.30
635
490
 UPM1A391MPD6
470
8×15
0.19
141
0.12
0.24
595
475
 UPM1A471MPD
470
10×12.5
0.19
141
0.13
0.26
670
535
 UPM1A471MPD6
560
8×20
0.19
168
0.10
0.20
730
595
 UPM1A561MPD
560
10×16
0.19
168
0.11
0.22
700
570
 UPM1A561MPD6
680
8×20
0.19
204
0.085
0.17
795
660
 UPM1A681MPD
680
10×16
0.19
204
0.090
0.18
825
685
 UPM1A681MPD6
820
10×20
0.19
246
0.070
0.14
985
835
 UPM1A821MPD
820
12.5×15
0.19
246
0.080
0.16
920
780
 UPM1A821MHD6
1000
10×20
0.19
300
0.060
0.12
1060
915
 UPM1A102MPD
1000
12.5×15
0.19
300
0.065
0.13
1040
900
 UPM1A102MHD6
1200
10×25
0.19
360
0.050
0.10
1260
1120
 UPM1A122MPD
1200
12.5×15
0.19
360
0.060
0.12
1060
930
 UPM1A122MHD6
1500
10×30.5
0.19
450
0.045
0.09
1450
1300
 UPM1A152MPD
1500
16×15
0.19
450
0.050
0.10
1330
1190
 UPM1A152MHD6
1800
12.5×20
0.19
540
0.039
0.078
1470
1320
 UPM1A182MHD
1800
16×15
0.19
540
0.044
0.088
1420
1270
 UPM1A182MHD6
2200
12.5×25
0.21
660
0.034
0.068
1710
1530
 UPM1A222MHD
2200
18×15
0.21
660
0.039
0.078
1600
1440
 UPM1A222MHD6
2700
12.5×30.5
0.21
810
0.030
0.060
1980
1780
 UPM1A272MHD
2700
16×20
0.21
810
0.035
0.070
1740
1560
 UPM1A272MHD6
3300
12.5×35.5
0.23
990
0.026
0.052
2230
2000
 UPM1A332MHD
3300
16×20
0.23
990
0.031
0.062
1850
1660
 UPM1A332MHD6
3900
12.5×40
0.23
1170
0.024
0.048
2460
2210
 UPM1A392MHD
3900
18×20
0.23
1170
0.028
0.056
2050
1840
 UPM1A392MHD6
4700
16×30.5
0.25
1410
0.023
0.046
2420
2170
 UPM1A472MHD
4700
18×25
0.25
1410
0.026
0.052
2350
2110
 UPM1A472MHD6
5600
16×35.5
0.27
1680
0.021
0.042
2610
2340
 UPM1A562MHD
5600
18×25
0.27
1680
0.024
0.048
2440
2190
 UPM1A562MHD6
6800
16×35.5
0.29
2040
0.020
0.040
2770
2490
 UPM1A682MHD
6800
18×30.5
0.29
2040
0.022
0.044
2720
2440
 UPM1A682MHD6
8200
16×40
0.33
2460
0.019
0.038
3110
2790
 UPM1A822MHD
8200
18×35.5
0.33
2460
0.021
0.042
3050
2740
 UPM1A822MHD6
10000
18×40
0.37
3000
0.017
0.034
3300
2970
 UPM1A103MHD
16
(1C)
220
8×11.5
0.16
105.6
0.16
0.32
460
335
 UPM1C221MPD
270
8×15
0.16
129.6
0.14
0.28
550
410
 UPM1C271MPD
270
10×12.5
0.16
129.6
0.14
0.28
635
470
 UPM1C271MPD6
330
8×15
0.16
158.4
0.12
0.24
595
455
 UPM1C331MPD
330
10×12.5
0.16
158.4
0.12
0.24
670
510
 UPM1C331MPD6
390
8×20
0.16
187.2
0.10
0.20
730
570
 UPM1C391MPD
■
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com