Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPM1H331MPD Datasheet(PDF) 4 Page - Nichicon corporation

Part # UPM1H331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPM1H331MPD Datasheet(HTML) 4 Page - Nichicon corporation

  UPM1H331MPD Datasheet HTML 1Page - Nichicon corporation UPM1H331MPD Datasheet HTML 2Page - Nichicon corporation UPM1H331MPD Datasheet HTML 3Page - Nichicon corporation UPM1H331MPD Datasheet HTML 4Page - Nichicon corporation UPM1H331MPD Datasheet HTML 5Page - Nichicon corporation UPM1H331MPD Datasheet HTML 6Page - Nichicon corporation UPM1H331MPD Datasheet HTML 7Page - Nichicon corporation UPM1H331MPD Datasheet HTML 8Page - Nichicon corporation UPM1H331MPD Datasheet HTML 9Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UPM
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
Rated Ripple
(mArms)
Part Number
(
at 20℃ after
1 minute
) 20℃/
100kHz
-10℃/
100kHz
105℃/
10 to
200kHz
105℃/
120Hz
16
(1C)
390
10×16
0.16
187.2
0.10
0.20
730
570
 UPM1C391MPD6
470
8×20
0.16
225.6
0.090
0.18
770
615
 UPM1C471MPD
470
10×16
0.16
225.6
0.090
0.18
825
660
 UPM1C471MPD6
560
10×20
0.16
268.8
0.075
0.15
950
775
 UPM1C561MPD
560
12.5×15
0.16
268.8
0.080
0.16
920
750
 UPM1C561MHD6
680
10×20
0.16
326.4
0.065
0.13
1060
880
 UPM1C681MPD
680
12.5×15
0.16
326.4
0.070
0.14
985
820
 UPM1C681MHD6
820
10×25
0.16
393.6
0.055
0.11
1260
1070
 UPM1C821MPD
820
12.5×15
0.16
393.6
0.060
0.12
1060
900
 UPM1C821MHD6
1000
10×30.5
0.16
480
0.047
0.094
1410
1220
 UPM1C102MPD
1000
16×15
0.16
480
0.055
0.11
1270
1100
 UPM1C102MHD6
1200
12.5×20
0.16
576
0.041
0.082
1430
1250
 UPM1C122MHD
1200
16×15
0.16
576
0.046
0.092
1390
1220
 UPM1C122MHD6
1500
12.5×25
0.16
720
0.036
0.072
1700
1530
 UPM1C152MHD
1500
18×15
0.16
720
0.041
0.082
1560
1400
 UPM1C152MHD6
1800
12.5×30.5
0.16
864
0.032
0.064
1880
1690
 UPM1C182MHD
1800
16×20
0.16
864
0.037
0.074
1700
1530
 UPM1C182MHD6
2200
12.5×30.5
0.18
1056
0.028
0.056
2010
1800
 UPM1C222MHD
2200
16×20
0.18
1056
0.033
0.066
1800
1620
 UPM1C222MHD6
2700
12.5×35.5
0.18
1296
0.025
0.050
2230
2000
 UPM1C272MHD
2700
16×25
0.18
1296
0.030
0.060
2190
1970
 UPM1C272MHD6
3300
12.5×40
0.20
1584
0.023
0.046
2460
2210
 UPM1C332MHD
3300
18×20
0.20
1584
0.027
0.054
2090
1880
 UPM1C332MHD6
3900
16×30.5
0.20
1872
0.022
0.044
2510
2250
 UPM1C392MHD
3900
18×25
0.20
1872
0.025
0.050
2350
2110
 UPM1C392MHD6
4700
16×35.5
0.22
2256
0.020
0.040
2770
2490
 UPM1C472MHD
4700
18×30.5
0.22
2256
0.023
0.046
2720
2440
 UPM1C472MHD6
5600
16×40
0.24
2688
0.019
0.038
3110
2790
 UPM1C562MHD
5600
18×35.5
0.24
2688
0.022
0.044
2620
2350
 UPM1C562MHD6
6800
18×35.5
0.26
3264
0.018
0.036
3050
2740
 UPM1C682MHD
8200
18×40
0.30
3936
0.017
0.034
3300
2970
 UPM1C822MHD
25
(1E)
150
8×11.5
0.14
112.5
0.16
0.32
460
320
 UPM1E151MPD
180
8×15
0.14
135
0.14
0.28
550
390
 UPM1E181MPD
180
10×12.5
0.14
135
0.15
0.30
635
450
 UPM1E181MPD6
220
8×15
0.14
165
0.11
0.22
625
455
 UPM1E221MPD
220
10×12.5
0.14
165
0.13
0.26
670
485
 UPM1E221MPD6
270
8×20
0.14
202.5
0.095
0.19
750
560
 UPM1E271MPD
270
10×16
0.14
202.5
0.11
0.22
700
525
 UPM1E271MPD6
330
8×20
0.14
247.5
0.085
0.17
795
610
 UPM1E331MPD
330
10×16
0.14
247.5
0.095
0.19
825
630
 UPM1E331MPD6
390
10×20
0.14
292.5
0.070
0.14
985
770
 UPM1E391MPD
390
12.5×15
0.14
292.5
0.080
0.16
920
720
 UPM1E391MHD6
470
10×20
0.14
352.5
0.065
0.13
1060
845
 UPM1E471MPD
■
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com