Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPM1H331MPD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UPM1H331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPM1H331MPD Datasheet(HTML) 1 Page - Nichicon corporation

  UPM1H331MPD Datasheet HTML 1Page - Nichicon corporation UPM1H331MPD Datasheet HTML 2Page - Nichicon corporation UPM1H331MPD Datasheet HTML 3Page - Nichicon corporation UPM1H331MPD Datasheet HTML 4Page - Nichicon corporation UPM1H331MPD Datasheet HTML 5Page - Nichicon corporation UPM1H331MPD Datasheet HTML 6Page - Nichicon corporation UPM1H331MPD Datasheet HTML 7Page - Nichicon corporation UPM1H331MPD Datasheet HTML 8Page - Nichicon corporation UPM1H331MPD Datasheet HTML 9Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
Low Impedance, High Reliability
UPM
UPM
UPW
Smaller
High reliability withstanding 5000 hour load life at +105°C
(3000 hours for smaller case sizes as specified below).
Capacitance ranges available based on the numerical values in
E12 series under JIS.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
AEC-Q200 Qualified. Please contact us for details.
Dimension table in next page.
Specifications
Item
Marking
Shelf Life
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
※
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
Performance Characteristics
– 55 to +105°C
6.3 to 100V
22 to 15000µF
± 20% at 120Hz, 20°C
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Measurement frequency : 120Hz at 20°C
120Hz
After 1 minute's application of rated voltage at 20°C, leakage current is not more than 0.03CV(µA).
Printed with white color letter on dark brown sleeve.
The specifications listed below shall be met when the capacitors
are restored to 20°C after D.C. bias plus rated ripple current is
applied at 105°C for the condition listed at right.The peak voltage
shall not exceed the rated voltage.
Rated voltage (V)
Impedance ratio (max.)
Z(–55°C) / Z(+20°C)
Rated Voltage (V)
tan δ (max.)
6.3
0.22
6.3 · 10
4
16
3
25 · 35
3
50 to 100
2
10
0.19
16
0.16
25
0.14
35
0.12
50
0.10
63 to 100
0.08
Leakage current
tan δ
Capacitance change
Less than or equal to the initial specified value
200% or less than the initial specified value
Within ±20% of the initial capacitance value
Rated Voltage
φD(mm)
φ 8
>=φ10
6.3〜100V
3000hrs.
5000hrs.
After storing the capacitors under no load at 105°C
for 1000 hours and then performing voltage treatment based
on JIS C 5101-4 clause 4.1 at 20°C, they shall meet the
characteristic requirements listed at right.
Leakage current
tan δ
Capacitance change
Less than or equal to the initial specified value
150% or less than the initial specified value
Within ±20% of the initial capacitance value
U
1
P
2
M
3
1
4
E
5
4
6
7
7
1
8
M
9
P
10
D
11 12
Configuration
Size code
Capacitance tolerance ( ±20%)
Rated capacitance (470
µF)
Rated voltage (25V)
Series name
Type
Type
Small Dia
Low Profile
Code
6
φ D
Pb-free leadwire
Pb-free PET sleeve
8 · 10
PD
12.5 to 18
HD
Configuration
15min.
4min.
Sleeve (PET)
Pressure
relief vent
φd
L±
(φD < 10) 1.5
(φD >= 10) 2.0
φD
P
φd
In case L > 25 for the φ12.5 dia. unit, lead dia. φ d = 0.8mm.
15000
10000
6800
4700
3300
2200
1500
1000
680
470
330
220
150
100
68
47
33
22
15
10
2.2
0
0.5
0.6
0.7
0.8
0.9
1.0
Frequency coefficient
300Hz
1kHz
120Hz
Frequency coefficient
Rated voltage
6.3 to 100V
(10kHz to
200kHz=1)
8
3.5
0.6
10
5.0
5.0
0.6
12.5
0.6
16
7.5
0.8
18
7.5
0.8
(mm)
Radial Lead Type
Type numbering system (Example : 25V 470µF)
Frequency coefficient of rated ripple current
Please refer to the Guidelines for Aluminum Electrolytic Capacitors
for end seal configuration information.
※ I : Leakage Current (µA), C : Rated Capacitance (µF), V : Rated Voltage (V)


Similar Part No. - UPM1H331MPD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UPM1H332MDD NICHICON-UPM1H332MDD Datasheet
111Kb / 7P
ALUMINUM ELECTROLYTIC CAPACITORS
UPM1H332MED NICHICON-UPM1H332MED Datasheet
111Kb / 7P
ALUMINUM ELECTROLYTIC CAPACITORS
UPM1H332MHD NICHICON-UPM1H332MHD Datasheet
111Kb / 7P
ALUMINUM ELECTROLYTIC CAPACITORS
UPM1H332MPD NICHICON-UPM1H332MPD Datasheet
111Kb / 7P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UPM1H331MPD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com