Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPM1H331MPD Datasheet(PDF) 5 Page - Nichicon corporation

Part # UPM1H331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPM1H331MPD Datasheet(HTML) 5 Page - Nichicon corporation

  UPM1H331MPD Datasheet HTML 1Page - Nichicon corporation UPM1H331MPD Datasheet HTML 2Page - Nichicon corporation UPM1H331MPD Datasheet HTML 3Page - Nichicon corporation UPM1H331MPD Datasheet HTML 4Page - Nichicon corporation UPM1H331MPD Datasheet HTML 5Page - Nichicon corporation UPM1H331MPD Datasheet HTML 6Page - Nichicon corporation UPM1H331MPD Datasheet HTML 7Page - Nichicon corporation UPM1H331MPD Datasheet HTML 8Page - Nichicon corporation UPM1H331MPD Datasheet HTML 9Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UPM
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
Rated Ripple
(mArms)
Part Number
(
at 20℃ after
1 minute
) 20℃/
100kHz
-10℃/
100kHz
105℃/
10 to
200kHz
105℃/
120Hz
25
(1E)
470
12.5×15
0.14
352.5
0.070
0.14
985
785
 UPM1E471MHD6
560
10×25
0.14
420
0.055
0.11
1260
1030
 UPM1E561MPD
560
12.5×15
0.14
420
0.060
0.12
1060
860
 UPM1E561MHD6
680
10×30.5
0.14
510
0.046
0.092
1420
1180
 UPM1E681MPD
680
16×15
0.14
510
0.055
0.11
1270
1050
 UPM1E681MHD6
820
12.5×20
0.14
615
0.041
0.082
1440
1220
 UPM1E821MHD
820
16×15
0.14
615
0.049
0.098
1340
1140
 UPM1E821MHD6
1000
12.5×25
0.14
750
0.036
0.072
1700
1470
 UPM1E102MHD
1000
18×15
0.14
750
0.043
0.086
1520
1310
 UPM1E102MHD6
1200
12.5×25
0.14
900
0.032
0.064
1760
1550
 UPM1E122MHD
1200
18×15
0.14
900
0.039
0.078
1600
1400
 UPM1E122MHD6
1500
12.5×30.5
0.14
1125
0.029
0.058
1980
1780
 UPM1E152MHD
1500
16×20
0.14
1125
0.034
0.068
1770
1590
 UPM1E152MHD6
1800
12.5×35.5
0.14
1350
0.026
0.052
2230
2000
 UPM1E182MHD
1800
16×25
0.14
1350
0.031
0.062
2190
1970
 UPM1E182MHD6
2200
12.5×40
0.16
1650
0.024
0.048
2460
2210
 UPM1E222MHD
2200
18×20
0.16
1650
0.028
0.056
2050
1840
 UPM1E222MHD6
2700
16×30.5
0.16
2025
0.022
0.044
2510
2250
 UPM1E272MHD
2700
18×25
0.16
2025
0.025
0.050
2350
2110
 UPM1E272MHD6
3300
16×35.5
0.18
2475
0.020
0.040
2770
2490
 UPM1E332MHD
3300
18×30.5
0.18
2475
0.023
0.046
2720
2440
 UPM1E332MHD6
3900
16×40
0.18
2925
0.019
0.038
3110
2790
 UPM1E392MHD
3900
18×35.5
0.18
2925
0.021
0.042
3050
2740
 UPM1E392MHD6
4700
18×40
0.20
3525
0.018
0.036
3300
2970
 UPM1E472MHD
35
(1V)
100
8×11.5
0.12
105
0.16
0.32
460
305
 UPM1V101MPD
120
8×15
0.12
126
0.14
0.28
550
370
 UPM1V121MPD
120
10×12.5
0.12
126
0.15
0.30
635
425
 UPM1V121MPD6
150
8×15
0.12
157.5
0.12
0.24
595
415
 UPM1V151MPD
150
10×12.5
0.12
157.5
0.12
0.24
680
475
 UPM1V151MPD6
180
8×20
0.12
189
0.10
0.20
730
520
 UPM1V181MPD
180
10×16
0.12
189
0.11
0.22
700
500
 UPM1V181MPD6
220
8×20
0.12
231
0.085
0.17
795
580
 UPM1V221MPD
220
10×16
0.12
231
0.090
0.18
825
600
 UPM1V221MPD6
270
10×20
0.12
283.5
0.070
0.14
985
735
 UPM1V271MPD
270
12.5×15
0.12
283.5
0.080
0.16
920
690
 UPM1V271MHD6
330
10×20
0.12
346.5
0.060
0.12
1060
810
 UPM1V331MPD
330
12.5×15
0.12
346.5
0.065
0.13
1020
780
 UPM1V331MHD6
390
10×25
0.12
409.5
0.055
0.11
1260
980
 UPM1V391MPD
390
12.5×15
0.12
409.5
0.060
0.12
1060
825
 UPM1V391MHD6
470
10×30.5
0.12
493.5
0.046
0.092
1450
1160
 UPM1V471MPD
470
16×15
0.12
493.5
0.055
0.11
1270
1010
 UPM1V471MHD6
560
12.5×20
0.12
588
0.041
0.082
1430
1170
 UPM1V561MHD
560
16×15
0.12
588
0.048
0.096
1360
1110
 UPM1V561MHD6
■
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com