Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPM1H331MPD Datasheet(PDF) 6 Page - Nichicon corporation

Part # UPM1H331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPM1H331MPD Datasheet(HTML) 6 Page - Nichicon corporation

  UPM1H331MPD Datasheet HTML 1Page - Nichicon corporation UPM1H331MPD Datasheet HTML 2Page - Nichicon corporation UPM1H331MPD Datasheet HTML 3Page - Nichicon corporation UPM1H331MPD Datasheet HTML 4Page - Nichicon corporation UPM1H331MPD Datasheet HTML 5Page - Nichicon corporation UPM1H331MPD Datasheet HTML 6Page - Nichicon corporation UPM1H331MPD Datasheet HTML 7Page - Nichicon corporation UPM1H331MPD Datasheet HTML 8Page - Nichicon corporation UPM1H331MPD Datasheet HTML 9Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UPM
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
Rated Ripple
(mArms)
Part Number
(
at 20℃ after
1 minute
) 20℃/
100kHz
-10℃/
100kHz
105℃/
10 to
200kHz
105℃/
120Hz
35
(1V)
680
12.5×25
0.12
714
0.036
0.072
1700
1410
 UPM1V681MHD
680
18×15
0.12
714
0.042
0.084
1540
1280
 UPM1V681MHD6
820
12.5×25
0.12
861
0.032
0.064
1760
1490
 UPM1V821MHD
820
18×15
0.12
861
0.038
0.076
1620
1380
 UPM1V821MHD6
1000
12.5×30.5
0.12
1050
0.029
0.058
1980
1710
 UPM1V102MHD
1000
16×20
0.12
1050
0.034
0.068
1770
1530
 UPM1V102MHD6
1200
12.5×35.5
0.12
1260
0.026
0.052
2230
1960
 UPM1V122MHD
1200
16×25
0.12
1260
0.031
0.062
2190
1920
 UPM1V122MHD6
1500
12.5×40
0.12
1575
0.024
0.048
2460
2210
 UPM1V152MHD
1500
18×20
0.12
1575
0.028
0.056
2050
1840
 UPM1V152MHD6
1800
16×30.5
0.12
1890
0.022
0.044
2510
2250
 UPM1V182MHD
1800
18×25
0.12
1890
0.025
0.050
2350
2110
 UPM1V182MHD6
2200
16×35.5
0.14
2310
0.020
0.040
2770
2490
 UPM1V222MHD
2200
18×30.5
0.14
2310
0.023
0.046
2720
2440
 UPM1V222MHD6
2700
16×40
0.14
2835
0.018
0.036
3110
2790
 UPM1V272MHD
2700
18×35.5
0.14
2835
0.021
0.042
3050
2740
 UPM1V272MHD6
3300
18×40
0.16
3465
0.017
0.034
3300
2970
 UPM1V332MHD
50
(1H)
68
8×11.5
0.10
102
0.20
0.40
415
260
 UPM1H680MPD
82
8×15
0.10
123
0.17
0.34
505
320
 UPM1H820MPD
82
10×12.5
0.10
123
0.18
0.36
530
340
 UPM1H820MPD6
100
8×20
0.10
150
0.14
0.28
620
410
 UPM1H101MPD
100
10×16
0.10
150
0.16
0.32
580
385
 UPM1H101MPD6
120
8×20
0.10
180
0.12
0.24
755
510
 UPM1H121MPD
120
10×16
0.10
180
0.13
0.26
755
510
 UPM1H121MPD6
150
10×20
0.10
225
0.10
0.20
820
570
 UPM1H151MPD
150
12.5×15
0.10
225
0.11
0.22
785
545
 UPM1H151MHD6
180
10×20
0.10
270
0.085
0.17
945
670
 UPM1H181MPD
180
12.5×15
0.10
270
0.095
0.19
845
605
 UPM1H181MHD6
220
10×25
0.10
330
0.075
0.15
1150
840
 UPM1H221MPD
220
12.5×15
0.10
330
0.080
0.16
920
670
 UPM1H221MHD6
270
10×30.5
0.10
405
0.065
0.13
1200
900
 UPM1H271MPD
270
16×15
0.10
405
0.070
0.14
1120
840
 UPM1H271MHD6
330
10×30.5
0.10
495
0.055
0.11
1300
995
 UPM1H331MPD
330
16×15
0.10
495
0.060
0.12
1210
925
 UPM1H331MHD6
390
12.5×25
0.10
585
0.048
0.096
1440
1120
 UPM1H391MHD
390
16×15
0.10
585
0.055
0.11
1270
990
 UPM1H391MHD6
470
12.5×25
0.10
705
0.044
0.088
1500
1200
 UPM1H471MHD
■
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com