Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPM1H331MPD Datasheet(PDF) 7 Page - Nichicon corporation

Part # UPM1H331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPM1H331MPD Datasheet(HTML) 7 Page - Nichicon corporation

  UPM1H331MPD Datasheet HTML 1Page - Nichicon corporation UPM1H331MPD Datasheet HTML 2Page - Nichicon corporation UPM1H331MPD Datasheet HTML 3Page - Nichicon corporation UPM1H331MPD Datasheet HTML 4Page - Nichicon corporation UPM1H331MPD Datasheet HTML 5Page - Nichicon corporation UPM1H331MPD Datasheet HTML 6Page - Nichicon corporation UPM1H331MPD Datasheet HTML 7Page - Nichicon corporation UPM1H331MPD Datasheet HTML 8Page - Nichicon corporation UPM1H331MPD Datasheet HTML 9Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UPM
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
Rated Ripple
(mArms)
Part Number
(
at 20℃ after
1 minute
) 20℃/
100kHz
-10℃/
100kHz
105℃/
10 to
200kHz
105℃/
120Hz
50
(1H)
470
18×15
0.10
705
0.046
0.092
1470
1170
 UPM1H471MHD6
560
12.5×30.5
0.10
840
0.040
0.080
1720
1410
 UPM1H561MHD
560
16×20
0.10
840
0.044
0.088
1550
1270
 UPM1H561MHD6
680
12.5×35.5
0.10
1020
0.036
0.072
1900
1580
 UPM1H681MHD
680
16×20
0.10
1020
0.040
0.080
1630
1350
 UPM1H681MHD6
820
12.5×40
0.10
1230
0.033
0.066
2120
1800
 UPM1H821MHD
820
18×20
0.10
1230
0.036
0.072
1810
1540
 UPM1H821MHD6
1000
16×30.5
0.10
1500
0.030
0.060
2150
1860
 UPM1H102MHD
1000
18×25
0.10
1500
0.033
0.066
2020
1750
 UPM1H102MHD6
1200
16×35.5
0.10
1800
0.028
0.056
2320
2040
 UPM1H122MHD
1200
18×30.5
0.10
1800
0.031
0.062
2140
1880
 UPM1H122MHD6
1500
16×40
0.10
2250
0.026
0.052
2650
2380
 UPM1H152MHD
1500
18×30.5
0.10
2250
0.029
0.058
2340
2100
 UPM1H152MHD6
1800
18×35.5
0.10
2700
0.025
0.050
2620
2350
 UPM1H182MHD
2200
18×40
0.12
3300
0.024
0.048
2790
2510
 UPM1H222MHD
63
(1J)
47
8×11.5
0.08
88.83
0.25
0.50
365
215
 UPM1J470MPD
56
8×15
0.08
105.84
0.21
0.42
450
275
 UPM1J560MPD
56
10×12.5
0.08
105.84
0.23
0.46
450
275
 UPM1J560MPD6
68
8×15
0.08
128.52
0.17
0.34
500
315
 UPM1J680MPD
68
10×12.5
0.08
128.52
0.19
0.38
495
310
 UPM1J680MPD6
82
8×20
0.08
154.98
0.15
0.30
600
385
 UPM1J820MPD
82
10×16
0.08
154.98
0.16
0.32
580
375
 UPM1J820MPD6
100
10×20
0.08
189
0.12
0.24
750
495
 UPM1J101MPD
100
12.5×15
0.08
189
0.14
0.28
695
460
 UPM1J101MHD6
120
10×20
0.08
226.8
0.10
0.20
820
555
 UPM1J121MPD
120
12.5×15
0.08
226.8
0.12
0.24
750
510
 UPM1J121MHD6
150
10×25
0.08
283.5
0.090
0.18
950
665
 UPM1J151MPD
150
12.5×15
0.08
283.5
0.095
0.19
845
590
 UPM1J151MHD6
180
10×30.5
0.08
340.2
0.075
0.15
1110
790
 UPM1J181MPD
180
16×15
0.08
340.2
0.080
0.16
1050
750
 UPM1J181MHD6
220
12.5×20
0.08
415.8
0.065
0.13
1140
835
 UPM1J221MHD
220
16×15
0.08
415.8
0.070
0.14
1120
820
 UPM1J221MHD6
270
12.5×25
0.08
510.3
0.055
0.11
1340
1000
 UPM1J271MHD
270
18×15
0.08
510.3
0.060
0.12
1290
965
 UPM1J271MHD6
330
12.5×25
0.08
623.7
0.049
0.098
1420
1090
 UPM1J331MHD
330
18×15
0.08
623.7
0.050
0.10
1410
1080
 UPM1J331MHD6
390
12.5×30.5
0.08
737.1
0.043
0.086
1620
1260
 UPM1J391MHD
390
16×20
0.08
737.1
0.047
0.094
1500
1170
 UPM1J391MHD6
470
12.5×35.5
0.08
888.3
0.039
0.078
1780
1420
 UPM1J471MHD
470
16×25
0.08
888.3
0.042
0.084
1700
1360
 UPM1J471MHD6
560
12.5×40
0.08
1058.4
0.035
0.070
1950
1590
 UPM1J561MHD
560
18×20
0.08
1058.4
0.039
0.078
1730
1410
 UPM1J561MHD6
680
16×30.5
0.08
1285.2
0.032
0.064
2050
1700
 UPM1J681MHD
■
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com