Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPM1H331MPD Datasheet(PDF) 9 Page - Nichicon corporation

Part # UPM1H331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPM1H331MPD Datasheet(HTML) 9 Page - Nichicon corporation

  UPM1H331MPD Datasheet HTML 1Page - Nichicon corporation UPM1H331MPD Datasheet HTML 2Page - Nichicon corporation UPM1H331MPD Datasheet HTML 3Page - Nichicon corporation UPM1H331MPD Datasheet HTML 4Page - Nichicon corporation UPM1H331MPD Datasheet HTML 5Page - Nichicon corporation UPM1H331MPD Datasheet HTML 6Page - Nichicon corporation UPM1H331MPD Datasheet HTML 7Page - Nichicon corporation UPM1H331MPD Datasheet HTML 8Page - Nichicon corporation UPM1H331MPD Datasheet HTML 9Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UPM
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
Rated Ripple
(mArms)
Part Number
(
at 20℃ after
1 minute
) 20℃/
100kHz
-10℃/
100kHz
105℃/
10 to
200kHz
105℃/
120Hz
100
(2A)
22
8×11.5
0.08
66
0.55
1.50
275
145
 UPM2A220MPD
27
8×15
0.08
81
0.47
1.30
300
160
 UPM2A270MPD
27
10×12.5
0.08
81
0.50
1.40
380
205
 UPM2A270MPD6
33
8×15
0.08
99
0.38
1.00
360
200
 UPM2A330MPD
33
10×12.5
0.08
99
0.42
1.10
410
230
 UPM2A330MPD6
39
8×20
0.08
117
0.33
0.89
490
280
 UPM2A390MPD
39
10×16
0.08
117
0.36
0.97
500
285
 UPM2A390MPD6
47
10×20
0.08
141
0.28
0.76
570
340
 UPM2A470MPD
47
12.5×15
0.08
141
0.31
0.84
520
310
 UPM2A470MHD6
56
10×20
0.08
168
0.24
0.65
620
375
 UPM2A560MPD
56
12.5×15
0.08
168
0.27
0.73
560
340
 UPM2A560MHD6
68
10×25
0.08
204
0.21
0.57
795
500
 UPM2A680MPD
68
12.5×15
0.08
204
0.23
0.62
605
380
 UPM2A680MHD6
82
10×30.5
0.08
246
0.18
0.49
870
555
 UPM2A820MPD
82
16×15
0.08
246
0.19
0.51
681
435
 UPM2A820MHD6
100
10×30.5
0.08
300
0.15
0.41
955
635
 UPM2A101MPD
100
16×15
0.08
300
0.17
0.46
719
475
 UPM2A101MHD6
120
12.5×25
0.08
360
0.13
0.35
1040
700
 UPM2A121MHD
120
16×15
0.08
360
0.14
0.38
793
535
 UPM2A121MHD6
150
12.5×25
0.08
450
0.11
0.30
1120
780
 UPM2A151MHD
150
18×15
0.08
450
0.12
0.32
917
640
 UPM2A151MHD6
180
12.5×30.5
0.08
540
0.098
0.26
1270
900
 UPM2A181MHD
180
16×20
0.08
540
0.11
0.30
1240
880
 UPM2A181MHD6
220
12.5×35.5
0.08
660
0.087
0.23
1450
1050
 UPM2A221MHD
220
16×25
0.08
660
0.093
0.25
1440
1050
 UPM2A221MHD6
270
12.5×40
0.08
810
0.072
0.19
1610
1200
 UPM2A271MHD
270
18×20
0.08
810
0.080
0.22
1450
1080
 UPM2A271MHD6
330
16×30.5
0.08
990
0.062
0.17
1790
1370
 UPM2A331MHD
330
18×25
0.08
990
0.070
0.19
1650
1260
 UPM2A331MHD6
390
16×35.5
0.08
1170
0.053
0.14
2000
1550
 UPM2A391MHD
390
18×30.5
0.08
1170
0.062
0.17
1850
1430
 UPM2A391MHD6
470
16×40
0.08
1410
0.047
0.13
2200
1760
 UPM2A471MHD
470
18×35.5
0.08
1410
0.056
0.15
1970
1570
 UPM2A471MHD6
560
18×35.5
0.08
1680
0.041
0.11
2250
1840
 UPM2A561MHD
680
18×40
0.08
2040
0.036
0.097
2300
1910
 UPM2A681MHD
■
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.
For formed lead or taped product specifications and minimum order quantity,
please refer to the Guidelines for Aluminum Electrolytic Capacitors.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com