Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPM1H331MPD Datasheet(PDF) 8 Page - Nichicon corporation

Part # UPM1H331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPM1H331MPD Datasheet(HTML) 8 Page - Nichicon corporation

  UPM1H331MPD Datasheet HTML 1Page - Nichicon corporation UPM1H331MPD Datasheet HTML 2Page - Nichicon corporation UPM1H331MPD Datasheet HTML 3Page - Nichicon corporation UPM1H331MPD Datasheet HTML 4Page - Nichicon corporation UPM1H331MPD Datasheet HTML 5Page - Nichicon corporation UPM1H331MPD Datasheet HTML 6Page - Nichicon corporation UPM1H331MPD Datasheet HTML 7Page - Nichicon corporation UPM1H331MPD Datasheet HTML 8Page - Nichicon corporation UPM1H331MPD Datasheet HTML 9Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UPM
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
Rated Ripple
(mArms)
Part Number
(
at 20℃ after
1 minute
) 20℃/
100kHz
-10℃/
100kHz
105℃/
10 to
200kHz
105℃/
120Hz
63
(1J)
680
18×25
0.08
1285.2
0.035
0.070
1940
1610
 UPM1J681MHD6
820
16×35.5
0.08
1549.8
0.029
0.058
2220
1890
 UPM1J821MHD
820
18×30.5
0.08
1549.8
0.032
0.064
2110
1790
 UPM1J821MHD6
1000
16×40
0.08
1890
0.027
0.054
2370
2050
 UPM1J102MHD
1000
18×35.5
0.08
1890
0.029
0.058
2280
1970
 UPM1J102MHD6
1200
18×40
0.08
2268
0.025
0.050
2510
2210
 UPM1J122MHD
80
(1K)
33
8×11.5
0.08
79.2
0.53
1.40
275
150
 UPM1K330MPD
39
8×15
0.08
93.6
0.46
1.20
300
170
 UPM1K390MPD
39
10×12.5
0.08
93.6
0.49
1.30
380
215
 UPM1K390MPD6
47
8×15
0.08
112.8
0.39
1.10
360
215
 UPM1K470MPD
47
10×12.5
0.08
112.8
0.42
1.10
410
245
 UPM1K470MPD6
56
8×20
0.08
134.4
0.34
0.92
490
295
 UPM1K560MPD
56
10×16
0.08
134.4
0.36
0.97
500
305
 UPM1K560MPD6
68
10×20
0.08
163.2
0.28
0.76
570
355
 UPM1K680MPD
68
12.5×15
0.08
163.2
0.31
0.84
520
325
 UPM1K680MHD6
82
10×20
0.08
196.8
0.25
0.68
620
395
 UPM1K820MPD
82
12.5×15
0.08
196.8
0.27
0.73
560
355
 UPM1K820MHD6
100
10×25
0.08
240
0.21
0.57
795
525
 UPM1K101MPD
100
12.5×15
0.08
240
0.23
0.62
605
400
 UPM1K101MHD6
120
10×30.5
0.08
288
0.18
0.49
870
585
 UPM1K121MPD
120
16×15
0.08
288
0.20
0.54
663
445
 UPM1K121MHD6
150
10×30.5
0.08
360
0.15
0.41
955
665
 UPM1K151MPD
150
16×15
0.08
360
0.18
0.47
699
470
 UPM1K151MHD6
180
12.5×25
0.08
432
0.13
0.35
1040
735
 UPM1K181MHD
180
16×15
0.08
432
0.15
0.41
766
545
 UPM1K181MHD6
220
12.5×30.5
0.08
528
0.12
0.32
1160
845
 UPM1K221MHD
220
18×15
0.08
528
0.13
0.35
881
645
 UPM1K221MHD6
270
12.5×30.5
0.08
648
0.10
0.27
1270
945
 UPM1K271MHD
270
16×20
0.08
648
0.11
0.30
1240
920
 UPM1K271MHD6
330
12.5×35.5
0.08
792
0.088
0.24
1450
1100
 UPM1K331MHD
330
16×25
0.08
792
0.099
0.27
1440
1100
 UPM1K331MHD6
390
12.5×40
0.08
936
0.078
0.21
1610
1250
 UPM1K391MHD
390
18×20
0.08
936
0.089
0.24
1450
1120
 UPM1K391MHD6
470
16×30.5
0.08
1128
0.069
0.19
1790
1430
 UPM1K471MHD
470
18×25
0.08
1128
0.080
0.22
1650
1320
 UPM1K471MHD6
560
16×35.5
0.08
1344
0.062
0.17
2000
1640
 UPM1K561MHD
560
18×30.5
0.08
1344
0.072
0.19
1750
1430
 UPM1K561MHD6
680
16×40
0.08
1632
0.055
0.15
2200
1830
 UPM1K681MHD
680
18×30.5
0.08
1632
0.065
0.18
1850
1540
 UPM1K681MHD6
820
18×35.5
0.08
1968
0.049
0.13
2250
1910
 UPM1K821MHD
1000
18×40
0.08
2400
0.044
0.12
2370
2050
 UPM1K102MHD
■
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com