Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7514 Datasheet(PDF) 60 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 56Page - STMicroelectronics TDA7514 Datasheet HTML 57Page - STMicroelectronics TDA7514 Datasheet HTML 58Page - STMicroelectronics TDA7514 Datasheet HTML 59Page - STMicroelectronics TDA7514 Datasheet HTML 60Page - STMicroelectronics TDA7514 Datasheet HTML 61Page - STMicroelectronics TDA7514 Datasheet HTML 62Page - STMicroelectronics TDA7514 Datasheet HTML 63Page - STMicroelectronics TDA7514 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 74 page
background image
TDA7514
60/74
Table 69. SUBADDRESS 23: ISS Detector
Table 70. SUBADDRESS 24: ISS Test
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
ISS Enable (active low)
0ON
1OFF
ISS filter ON/OFF manual control
0OFF
1ON
ISS Filter Bandwidth manual control
0
120 kHz
1
80 kHz
discharge current;charge current mid; narrow
0
0
0
1uA; 74uA; 124uA
0
0
1
3uA; 72uA; 122uA
0
1
0
5uA; 70uA; 120uA
1
0
0
9uA; 66uA; 116uA
1
1
1
15uA; 60uA; 110uA
x
x
not used
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
ISS test muxer selector (test signal at pin
SMETERTC if bit7 byte17 tuner software is 1)
0001
MPthreshold
0010
ACNthreshold ("ac" threshold)
0011
Dwthreshold ("dev" threshold)
0100
Dthreshold ("dev+" threshold)
0101
ACWthreshold ("ac+" threshold)
0110
ac
0111
MDSCO
1000
ISS out
1001
dev+
1010
dev
1011
refdev
1100
DEMVout
output if bit 7 byte 28 tuner = 0
input if bit 7 byte 28 tuner = 1
ISS AC/MP test mode (pin SD)
0
Internal AC signal is connected to
QUALIDETECTOR AC input (normal mode)
1
Internal AC signal is output to pin SD (test mode)
0
QUALIDETECTOR AC input is driven by internal
AC signal (normal mode)
1
QUALIDETECTOR AC input is driven by pin SD
(test mode)
0
Internal MP signal is connected to
QUALIDETECTOR MP input (normal mode)
1
Internal MP signal is output to pin SD (test mode)
0
QUALIDETECTOR MP input is driven by internal
MP signal (normal mode)
1
QUALIDETECTOR MP input is driven by pin SD
(test mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com