Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7514 Datasheet(PDF) 41 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 37Page - STMicroelectronics TDA7514 Datasheet HTML 38Page - STMicroelectronics TDA7514 Datasheet HTML 39Page - STMicroelectronics TDA7514 Datasheet HTML 40Page - STMicroelectronics TDA7514 Datasheet HTML 41Page - STMicroelectronics TDA7514 Datasheet HTML 42Page - STMicroelectronics TDA7514 Datasheet HTML 43Page - STMicroelectronics TDA7514 Datasheet HTML 44Page - STMicroelectronics TDA7514 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 74 page
background image
41/74
TDA7514
Table 34. SUBADDRESS 19: 456KHz VCO Adjustment (manual mode)
Table 35. SUBADDRESS 20 : FM Smeter stop threshold, ISS Smeter threshold.
(*) Threshold is programmed by byte 14 bits<1:0> according to the following table:
Table 36. SUBADDRESS 14: Soft Mute
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
Enable IFC (I2CBUS)
OFF
1
ON
0
Enable 456KHz VCO adj procedure (I2CBUS)
OFF
1
ON
00
00
0
VCO 456KHz frequency adjust (I2CBUS)
minfreq
10
00
0
--
--
-
11
11
0
00
00
1
--
--
-
01
11
1
11
11
1
maxfreq
VCO 456KHz frequency adjust mode
0
Manual adjustment procedure (I2CBUS)
1
Automatic adjustment procedure (State Machine)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
FM Smeter Stop Station threshold
0
0
0
0
400 mV
-
-
-
-
step 200 mV
1
1
1
1
3400 mV
FM ISS Smeter threshold (
∆ from Softmute thresh. (*)).
0
000
0 mV
-
-
-
-
step 67 mV
0
1
1
1
467 mV
1
000
0 mV
--
--
-
1
111
-467 mV
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Soft mute threshold
0
0
0.3V
0
1
0.4V
1
0
1.6V
1
1
1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com