Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7514 Datasheet(PDF) 45 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 41Page - STMicroelectronics TDA7514 Datasheet HTML 42Page - STMicroelectronics TDA7514 Datasheet HTML 43Page - STMicroelectronics TDA7514 Datasheet HTML 44Page - STMicroelectronics TDA7514 Datasheet HTML 45Page - STMicroelectronics TDA7514 Datasheet HTML 46Page - STMicroelectronics TDA7514 Datasheet HTML 47Page - STMicroelectronics TDA7514 Datasheet HTML 48Page - STMicroelectronics TDA7514 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 74 page
background image
45/74
TDA7514
Table 42. SUBADDRESS 26: FM Demod Ref Frequency Test, FM AGC
Table 43. SUBADDRESS 27: FM Demodulator Fine Adjust , FM Demodulator Noise Blanker
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
FM demod ref frequency divider
0
0
0
640.6 kHz
0
0
1
602.9 kHz
0
1
0
569.4 kHz
0
1
1
539.5 kHz
1
0
0
512.5 kHz
1
0
1
488.1 kHz
1
1
0
465.9 kHz (std)
1
1
1
445.7 kHz
FM WAGC starting point
000
mininum s.p.
--
-
-
010
std
--
-
-
1
1
1
maximum s.p.
FM NAGC starting point LSB (MSB is bit 6 byte 23)
0
0
minimum s.p. (with MSB = 0)
--
-
1
0
std (with MSB = 0)
0
0
(with MSB = 1)
--
-
1
1
maximum s.p. (with MSB = 1)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
FM audio demodulator current adjust
00
00
0
+0 uA
0
0
0
0
1
+0.167
µA
--
--
-
-
0
1
1
1
1
+2.51
µA
10
00
0
-0
µA
1
0
0
0
1
-0.167
µA
1-
-
-
-
-
1
1
1
1
1
-2.51
µA
FM Demodulator Noise Blanker
00
NB off
0
1
setting 1
1
0
setting 2
1
1
setting 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com