Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7514 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 24Page - STMicroelectronics TDA7514 Datasheet HTML 25Page - STMicroelectronics TDA7514 Datasheet HTML 26Page - STMicroelectronics TDA7514 Datasheet HTML 27Page - STMicroelectronics TDA7514 Datasheet HTML 28Page - STMicroelectronics TDA7514 Datasheet HTML 29Page - STMicroelectronics TDA7514 Datasheet HTML 30Page - STMicroelectronics TDA7514 Datasheet HTML 31Page - STMicroelectronics TDA7514 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
TDA7514
28/74
Table 10.
4.9 Register Organization
Table 11. Section 1 (Turner)ADDRESS
Table 12. SUBADDRESS
Table 13. READ MODE: ISS OUTPUTS)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
fSCL
SCL Clock Frequncy
100
500
kHz
tAA
SCL Low to SDA Data Valid
300
ns
tout
Time the Bus must be free for the
New Transmission
4.7
µs
tHD-STA
Start Condition Host Time
4.0
µs
tLOW
Clock Low Period
4.7
µs
tHIGH
Clock High period
4.0
µs
tSU-SDA
Start Conditions Setup Time
4.7
µs
tHD-DAT
Data Imput Hold Time
0
µs
tSU-DAT
Data Input setup Time
4.7
µs
tSU-DAT
Data Input Setup Time
250
ns
tR
SDA & SCL Rise Time
250
µs
tF
SDA & SCL Full Time
µs
ISU-STO
Stop Condition Setup Time
4.7
µs
tDH
Data Out Time
300
ns
VIL
Input Low Voltage
1V
VIH
Input High Voltage
3
V
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
11
0001
0
R/W
MSB
LSB
S7
S6
S5
S4
S3
S2
S1
S0
X
X
autoincr
subaddress
MSB
LSB
S7
S6
S5
S4
S3
S2
S1
S0
DEV+
DEV
AC
FS
SSTOP
MP
BW
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com