Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7514 Datasheet(PDF) 46 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 42Page - STMicroelectronics TDA7514 Datasheet HTML 43Page - STMicroelectronics TDA7514 Datasheet HTML 44Page - STMicroelectronics TDA7514 Datasheet HTML 45Page - STMicroelectronics TDA7514 Datasheet HTML 46Page - STMicroelectronics TDA7514 Datasheet HTML 47Page - STMicroelectronics TDA7514 Datasheet HTML 48Page - STMicroelectronics TDA7514 Datasheet HTML 49Page - STMicroelectronics TDA7514 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 74 page
background image
TDA7514
46/74
Table 44. SUBADDRESS 28 : Smeter slider, External WB, testing
Table 45. SUBADDRESS 29: AM stop station, AM IF 2 Amplifier Gain
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Smeter slider FM
AM
000
00
0
0 mV
0 mV
000
00
1
+46 mV
+39 mV
----
--
-
-
0
1
1
1
1
1
+1420 mV
+1215 mV
100
00
0
0 mV
0 mV
1
0
0
0
0
1
-46 mV
-39 mV
----
--
-
-
1
1
1
1
1
1
-1420 mV
-1215 mV
External WB filter on
0
std FM (no ext. WB filter)
1
external WB filter enabled; must also program
ISS on APSDlatch 23 bit 1 = 1
FM demod Vout test
0std
1
test; disconnect FM demod Vout from users
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
AM Stop Station threshold
0
0
0
0
300 mV
0
0
0
1
450 mV
0
0
1
0
600 mV
----
1
1
1
1
2550 mV
AM IF AMP Gain (AM mode)
[dB]
FM demodulator input
connection (bit 5)
0
0
0
0
Not used (31.1)
450 kHz limiter
0
0
1
0
67.6
stereo dec. 456 kHz VCO (test)
0
1
0
0
70.6
450 kHz limiter
0
1
1
0
74.7
stereo dec. 456 kHz VCO (test)
10
00
72.2
10
10
75.6
11
00
76.9
11
10
78.8
00
01
75.3
00
11
77.7
01
01
78.7
01
11
80.2
10
01
79.3
10
11
80.7
11
01
81.3
11
11
82.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com