Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7514 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7514 Datasheet HTML 1Page - STMicroelectronics TDA7514 Datasheet HTML 2Page - STMicroelectronics TDA7514 Datasheet HTML 3Page - STMicroelectronics TDA7514 Datasheet HTML 4Page - STMicroelectronics TDA7514 Datasheet HTML 5Page - STMicroelectronics TDA7514 Datasheet HTML 6Page - STMicroelectronics TDA7514 Datasheet HTML 7Page - STMicroelectronics TDA7514 Datasheet HTML 8Page - STMicroelectronics TDA7514 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 74 page
background image
3/74
TDA7514
Table 2. Pin Description
N°
Pin
Function
1
VREF5V
5V reference
2
TUNGND
tuner general ground
3
AMMIX1IN+
am mix1 input
4
AMMIX1IN-
am mix1 input
5
AMAGC1TC
am agc1 filter capacitor
6
AMAGC1IOUT
am agc1 current output
7
AMAGC1VOUT
am agc1 voltage output
8
FMMIX1IN+
fm mix1 input
9
RFGND
rf ground
10
FMMIX1IN-
fm mix1 input
11
FMAGCTC
fm agc detector time constant
12
FMAGCIOUT
fm agc current output
13
GND
ground
14
FMADJOUT
fm antenna filter adjustment
15
VCOC
am/fm vco collector
16
OSCGND
vco ground
17
VCOB
am/fm vco base
18
OSCVCC
vco supply (8V)
19
LFOUT
PLL loop filter output
20
LFREF
PLL loop filter reference
21
LFINAM
PLL AM loop filter input
22
LFINFM
PLL FM loop filter input
23
LFHC
PLL loop filter high-current input
24
PLLGND
PLL back-end ground
25
PLLVCC
PLL back-end supply
26
XTALG
ref osc gate
27
XTALD
ref osc drain
28
DIGGND
digital ground
29
DIGVCC
digital dirty supply (8V)
30
QUALMPOUT/ISSBW
multipath det output / ISS BW indicator
31
QUALACMPOUT
multipath det / adjacent channel det output
32
ISSTC
ISS time constant
33
DEVTC
deviation detector time constant
34
VREF3V
3V reference
35
APGND
audio processor/stereo decoderground
36
APVCC
audio processor/stereo decoder supply (8V)
37
OUTRR
audio out
38
OUTRL
audio out
39
OUTFR
audio out
40
OUTFL
audio out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com