Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7514 Datasheet(PDF) 49 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 45Page - STMicroelectronics TDA7514 Datasheet HTML 46Page - STMicroelectronics TDA7514 Datasheet HTML 47Page - STMicroelectronics TDA7514 Datasheet HTML 48Page - STMicroelectronics TDA7514 Datasheet HTML 49Page - STMicroelectronics TDA7514 Datasheet HTML 50Page - STMicroelectronics TDA7514 Datasheet HTML 51Page - STMicroelectronics TDA7514 Datasheet HTML 52Page - STMicroelectronics TDA7514 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
49/74
TDA7514
Table 51. SUBADDRESS 0: Input selector
MSB
LSB
Function
Subaddr.
D7
D6
D5
D4
D3
D2
D1
D0
14
NB overdev-contr thr.
NB on
NB noise-contr. thr.
NB low threshold
NB III
15
NB time
MP infl. on NB
VHCH shift
Stereo decoder III, NB IV
16
Strong MP
infl. on NB
enable
VHCL
VHCH
max HC
HCenable Stereo decoder IV, NB V
17
AM/FM
for STD
ADC on
HC from
SNC/lev
NB level-contr. thr.
NB Smeter
thresholds
STD in
switch
AM/FM mode selection, Stereo
decoder V, NB VI
18
HC fixed
HC
min/max
AM
7.2kHz
LPF
HC corner freq.
Stereo decoder VI
19
AP test on
VCO on
Std test muxer
ext. clock Std teston APSD test
TUNER-RELATED BYTES
20
"ac+" - "ac"
thresholds
difference
"ac" threshold
not used
ISS
20KHz on ISS: Adjacent Channel detector
21
ISS MP
defeat AC
not used
not used
ISS MP threshold
not used
ISS MP
ctrl on
ISS: Multipath detector
22
not used
dev+/dev thresholds
ratio
"dev" threshold
peak detector discharge current ISS: Deviation detector
23
not used
not used
ISS time constant
ISS
80/120
ISS ON
ISS
enable
ISS Filter
24
MP/AC test switch
ISS test multiplexing
ISS test
25
ISS filter control matrix
ISS filter control matrix
26
ISS filter control matrix
ISS filter control matrix
27
not used
not used
not used
ISS filter control matrix
ISS filter control matrix
28
not used
not used
not used
HC range
VSBL
VSBL generation, HC range
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Source Selector
0
0
0
Quasi differential input
0
0
1
Mono differential input
0
1
0
Single ended input
01
1
Turner
10
0
Turner
1
0
1
internal beep
11
0
mute
1
1
1
not allowed
Input Gain
000
0
0dB
000
1
1dB
---
-
-
1
1
1
0
14dB
1
1
1
1
15dB
Loudness filter gain correction
0
higher gain
1
lower gain
Table 50. AUDIO PROCESSOR / STEREO DECODER - RELATED BYTES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com