Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7514 Datasheet(PDF) 32 Page - STMicroelectronics

Part # TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7514 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TDA7514 Datasheet HTML 28Page - STMicroelectronics TDA7514 Datasheet HTML 29Page - STMicroelectronics TDA7514 Datasheet HTML 30Page - STMicroelectronics TDA7514 Datasheet HTML 31Page - STMicroelectronics TDA7514 Datasheet HTML 32Page - STMicroelectronics TDA7514 Datasheet HTML 33Page - STMicroelectronics TDA7514 Datasheet HTML 34Page - STMicroelectronics TDA7514 Datasheet HTML 35Page - STMicroelectronics TDA7514 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
TDA7514
32/74
Table 19. SUBADDRESS 4: PLL Reference Counter 1 (LSB)
Table 20. SUBADDRESS 5: PLL Reference Counter 2 (MSB)
Table 21. SUBADDRESS 6: FM FE Adjustment Slope
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0000
0
0
0
0
LSB = 0
0000
0
0
0
1
LSB = 1
0000
0
0
1
0
LSB = 2
----
-
-
-
-
-
1111
1
1
0
0
LSB = 252
1111
1
1
0
1
LSB = 253
1111
1
1
1
0
LSB = 254
1111
1
1
1
1
LSB = 255
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0000
0
0
0
0
MSB = 0
0000
0
0
0
1
MSB = 256
0000
0
0
1
0
MSB = 512
----
-
-
-
-
-
1111
1
1
0
0
MSB = 64768
1111
1
1
0
1
MSB = 65024
1111
1
1
1
0
MSB = 65280
1111
1
1
1
1
MSB = 65536
Note: 1 fVCO/fSYN = LSB + MSB + 1
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0000
0
0
0
0
α = 0 (-100%)
0000
0
0
0
1
α = 1
----
-
-
-
-
-
1111
1
1
1
1
α = 255 (+99%)
Adjusted voltage:
without diode connected: Vout = (
α /128) Vt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com