Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4931ITL/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM4931ITL/NOPB
Description  LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4931ITL/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM4931ITL/NOPB Datasheet HTML 10Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 11Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 12Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 13Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 14Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 15Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 16Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 17Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
LM4931
SNAS251E – APRIL 2004 – REVISED MAY 2013
www.ti.com
Table 7. MIC_GAIN (02h) (SET = LOGIC 1, CLEAR = LOGIC 0)
Address
Register
Description
3:0
MIC_GAIN
Programs the gain of the microphone pre-amplifier. Gain is set as
follows:
3:0
Mic Gain
0000
6dB
0001
8dB
0010
10dB
0011
12dB
0100
14dB
0101
16dB
0110
18dB
0111
20dB
1000
22dB
1001
24dB
1010
26dB
1011
28dB
1100
30dB
1101
32dB
1110
34dB
1111
36dB
4
MIC_MUTE
If set the microphone pre-amplifier and the ADC output are muted.
5
RSVD
RESERVED(1)
6
RSVD
RESERVED(1)
7
HPF_DISABLE
If set the HPF is disabled, this is useful for wider bandwidth use of
the ADC.
(1)
Reserved bits should be set to zero when programming the associated register.
Headphone Gain Registers
This register is used to control the gain of the headphone amplifier.
Table 8. DEFAULT CHART FOR HP_GAIN (03h)
DATA BIT
7
6
5
4
3
2
1
0
DEFAULT
0
0
0
0
0
0
0
0
14
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4931



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com