Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4931ITL/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LM4931ITL/NOPB
Description  LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4931ITL/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM4931ITL/NOPB Datasheet HTML 20Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 21Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 22Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 23Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 24Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 25Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 26Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 27Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
20
20k
FREQUENCY (Hz)
-6
+1
10k
1k 2k
5k
50 100 200 500
-5
-4
-3
-1
-2
-0
-2
10k
FREQUENCY (Hz)
8k
6k
4k
2k
12k 14k 16k 18k 20k
-1.5
-1
-0.5
+0
+0.5
+1
+1.5
+2
0
1
2
3
4
5
HEADPHONE SENSE IN
(V)
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
3
HEADPHONE SENSE IN (V)
0
0.5
1
1.5
2
2.5
3
4k
200
FREQUENCY (Hz)
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
+0
3k
2k
1k
300
400
500
600
700
800
900
4k
200
FREQUENCY (Hz)
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
+0
3k
2k
1k
300
400
500
600
700
800
900
LM4931
SNAS251E – APRIL 2004 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
MIC PreAmp + ADC PSRR vs Frequency
MIC PreAmp + ADC PSRR vs Frequency
Top Trace = 36dB MIC Gain, Bottom Trace = 6dB MIC Gain,
Top Trace = 36dB MIC Gain, Bottom Trace = 6dB MIC Gain,
AVDD = 5V
AVDD = 3V
Figure 20.
Figure 21.
Headphone Sense In Hysteresis Loop
Headphone Sense In Hysteresis Loop
(AVDD = 3V)
(AVDD = 5V)
Figure 22.
Figure 23.
I2S DAC Frequency Response
I2S DAC Frequency Response Zoom
( Handsfree Output)
(Handsfree Output)
Figure 24.
Figure 25.
24
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4931



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com