Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4931ITL/NOPB Datasheet(PDF) 39 Page - Texas Instruments

Part # LM4931ITL/NOPB
Description  LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4931ITL/NOPB Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM4931ITL/NOPB Datasheet HTML 35Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 36Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 37Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 38Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 39Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 40Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 41Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 42Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
LM4931
www.ti.com
SNAS251E – APRIL 2004 – REVISED MAY 2013
4. The serial data bits are sampled at the rising edge of SCK. Any transition on SDI must occur at least 100ns
(tSPISETHOLDD) before the rising edge of SCK. Also, any transition on SDI must occur at least 100ns (tSPISETD) after
the rising edge of SCK and stabilize before the next rising edge of SCK.
5. ENB should be logic-low only during serial data transmission.
6. ENB must be logic-low at least 100ns (tSPISETENB ) before the first rising edge of SCK, and ENB has to remain
logic-low at least 100ns (tSPIHOLDENB) after the sixteenth rising edge of SCK.
7. If ENB remains logic-high for mtore than 10ns before all 16 bits are transmitted then the data latch will be
aborted.
8. If ENB is logic-low for more than 16 SCK pulses then only the first 16 data bits will be latched and activated
when ENB transitions to logic-high.
9. ENB must remain logic-low for at least 100ns (tSPIHOLDENB ) to latch in the data.
10. Coincidental rising or falling edges of SCK and ENB are not allowed. If SCK is to be held logic-high after the
data transmission, the falling edge of SCK must occur at least 100ns before ENB transitions to logic-low for the
next set of data.
LM4931 Evaluation Software
The LM4931 demoboard can be easily evaluated with the accompanying LM4931 Evaluation Software. The
Windows 95/98/2000/NT/XP compatible software is a GUI that allows easy access to all the I2C/SPI internal
registers of the device. The GUI controls the PC parallel port to deliver the appropriate I2C/SPI commands via
the Texas Instruments I2C/SPI Interface Card, in order to properly program the LM4931.
PCM Bus Interface (JP12)
PCM_SDO, PCM_SYNC, PCM_SDI, and PCM_CLK form the PCM interface bus for simple communication with
most baseband ICs with voiceband communications and follow the PCM-1900 communications standard. The
PCM interface features a frame length of 16 bits, A-law and u-law companded, linear mode, short or long frame
sync, an energy-saving power down mode, and master or slave operation. PCM_SYNC is the word sync line for
the bus. It may be set in the INTERFACES (09h) register (bit 3 PCM_LONG) for short or long frame sync. A
short frame sync is 1 PCM_CLK cycle (PCM_LONG=0), a long frame sync is an inverted version of short sync
(PCM_LONG=1). This is illustrated by Figure 7 in the PCM timing diagram under the Audio Interfaces section.
PCM_CLK is the bit clock for the bus. Its frequency is fixed at 128kHz and may be generated by the LM4931
when the PCM section is set to operate in master mode by setting bit 2 of the INTERFACES (09h) register.
Clearing this same bit (bit 2) places the PCM section into slave mode where an external clock must be provided.
The other two lines, PCM_SDO and PCM_SDI, are for serial data out and serial data in, respectively. The type of
data may also be set in the INTERFACES (09h) register by bits 0 and 1. Bit 0 controls whether the data is linear
or companded. If set to 1, the 8 MSBs are presumed to be companded data and the 8 LSBs are ignored. If
cleared to 0, the data is treated as 2’s complement PCM data. Bit 1 controls which PCM law is used if Bit 0 is set
for companded (G711) data. If set to 1, the companded data is assumed to be A-law. If cleared to 0, the
companded data is treated as µ-law.
I2S Interface Bus (JP13)
The I2S standard provides a uni-directional serial interface designed specifically for digital audio. For the
LM4931, the interface provides access to a 48kHz, 18 bit full-range stereo audio DAC. This interface uses a
three port system of clock (I2S_CLK), data (I2S_SDI), and word (I2S_WS). The clock and word lines can be either
master or slave as set by bit 4 in the INTERFACES (09h) register.
A bit clock (I2S_CLK) at 32 or 64 times the sample frequency is generated by the I2S system master (unless set
as a slave) and a word select (I2S_WS) line is driven at a frequency equal to the sampling rate of the audio data,
up to 48kHz. The word length is set by bit 5 of the INTERFACES (09h) register. When bit 5 is cleared, a word
length of 16 bits is selected. When set, the word length is set to 32 bits. All 18MSBs are passed to the DAC
when the I2S interface is set to 32 bit word mode. In 16 bit mode, all 16 bits are sent to the DAC. The word line is
registered to change on the negative edge of the bit clock. The serial data (I2S_SDI) is sent MSB first, again
registered on the negative edge of the bit clock, delayed by 1 bit clock cycle relative to the changing of the word
line (see Figure 6).
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LM4931



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com