Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4931ITL/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM4931ITL/NOPB
Description  LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4931ITL/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM4931ITL/NOPB Datasheet HTML 1Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 2Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 3Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 4Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 5Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 6Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 7Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 8Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
6
5
4
3
2
1
A
B
C
D
E
F
G
POWER MANAGEMENT
and CONTROL
PLL
MIC1
MIXER
AB
AB
D
GPIO
HP SENSE
MIC BIAS
MIC REF
BYPASS
LPF
LPF
I2S
PCM
ADDR/ENB
SDA/SDI
SCL/SCK
PCM_SYNC
PCM_CLK
PCM_SDI
PCM_SDO
I2S_WS
I2S_CLK
DAC
ADC
DAC
STEREO
I2S_SDI
I2C / SPI CONTROL
CLICK and POP / BIAS
REGISTERS
MODE
MCLK
PLLIN
PLLOUT
LM4931
SNAS251E – APRIL 2004 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
The LM4931 employs advanced techniques to reduce power consumption, to reduce controller overhead, and to
eliminate click and pop. Boomer audio power amplifiers were designed specifically to provide high quality output
power with a minimal amount of external components. It is therefore ideally suited for mobile phone and other
low voltage applications where minimal power consumption, PCB area, and cost are primary requirements.
Typical Application
Figure 1. Typical I2S + Voice codec application circuit for mobile phones
Connection Diagram
Figure 2. 42-Bump DSBGA
(Top View)
See Package Number YZR0042
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4931



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com