Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4931ITL/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM4931ITL/NOPB
Description  LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4931ITL/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM4931ITL/NOPB Datasheet HTML 1Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 2Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 3Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 4Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 5Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 6Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 7Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 8Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
LM4931
www.ti.com
SNAS251E – APRIL 2004 – REVISED MAY 2013
PIN DESCRIPTIONS
PIN
PIN NAME
D/A
I/O
DESCRIPTION
A1
MIC_P
A
I
Microphone positive differential input
A2
MIC_N
A
I
Microphone negative differential input
A3
VDD(MIC)
A
I
Analog Vdd for microphone section
A4
MODE
D
I
Selects between SPI and I2C control interfaces (I2C = 0, SPI = 1)
A5
SDA/SDI
D
I/O
I2C_SDA or SPI_SDI depending on the MODE control
A6
NC
N/A
N/A
No Connect
B1
MIC_P
A
I
Microphone positive differential input
B2
MIC_BIAS
A
O
2V ultra clean power supply for microphones
B3
BYPASS
A
I
Click and Pop / VDD/2 reference filter
B4
ADDR/ENB
D
I
I2C_ADDR or SPI_ENB depending on the MODE control
B5
SCL/SCK
D
I
I2C_SCL or SPI_SCK depending on the MODE control
B6
PCM_SDI
D
I
PCM_SDI voice data input
C1
VSS(MIC)
A
I
Analog Vss for microphone section
C2
MIC_REF
A
I
Filter for microphone power supply
C3
NC
N/A
N/A
No Connect
C4
PCM_SDO
D
O
PCM_SDO serial data output
C5
PCM_SYNC
D
I/O
PCM_SYNC pulse for the PCM bus
C6
PCM-CLK
D
I/O
PCM_SYNC pulse for the PCM bus
D1
HPL
A
O
Left Headphone output
D2
VSS(HP)
A
I
Analog Vss for Headphone and Mixer sections
D3
VSS(HP)
A
I
Analog Vss for Headphone and Mixer sections
D4
I2S_SDI
D
I
I2S serial data input
D5
I2S_CLK
D
I/O
I2S clock signal
D6
VSSD
D
I
Digital Vss
E1
VDD(HP)
A
I
Analog Vdd for Headphone and Mixer sections
E2
HPR
A
O
Right Headphone output
E3
GPIO
D
O
Configurable multi purpose output
E4
I2S_WS
D
I/O
I2S word select signal
E5
MCLK
D
I
Input clock from 10MHz - 24.576MHz
E6
VDDD
D
I
Digital Vdd
F1
LS+
A
O
Loudspeaker positive output
F2
VDD(LS)
A
I
Analog Vdd for Loudspeaker section
F3
HP_SENSE
A
I
Input for headphone connection sense circuit
F4
NC
N/A
N/A
No Connect
F5
PLL_OUT
D
O
PLL filter output
F6
VDD(PLL)
D
I
Digital Vdd for PLL section
G1
LS+
A
O
Loudspeaker positive output
G2
VSS(LS)
A
I
Analog Vss for Loudspeaker section
G3
LS-
A
O
Loudspeaker negative output
G4
VSS(PLL)
D
I
Digital Vss for PLL section
G5
PLL_IN
D
I
PLL filter input
G6
VDD(PLL)
D
I
Digital Vdd for PLL section
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4931



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com