Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4931ITL/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LM4931ITL/NOPB
Description  LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4931ITL/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM4931ITL/NOPB Datasheet HTML 15Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 16Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 17Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 18Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 19Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 20Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 21Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 22Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
MCL
K
I2S_CL
K
PCM_CL
K
PCM
Interface
I2S Interface
Stereo
DAC
Voice Codec
PLL
% Q
% 2
% 2
% 2
LM4931
www.ti.com
SNAS251E – APRIL 2004 – REVISED MAY 2013
Table 20. CLK_MUX (08h) (SET = LOGIC 1, CLEAR = LOGIC 0) (continued)
Address
Register
Description
If set the master clock is divided by two, for example allowing for a 24.576MHz or PCI
clock to be used(1)(2).
FAST_CLOCK
MCLK Frequency
1
FAST_CLOCK
0
Normal
1
Divided by 2
Selects which clock is passed to the audio sub-system(1):
AUDIO_CLK_SEL
Audio Sub-system
Input Source
2
AUDIO_CLK_SEL
0
PLL Output
1
MCLK / MCLK/2
Selects which clock is passed to the voice sub-system(1):
VOICE_CLK_SEL
Audio Sub-system
Input Source
3
VOICE_CLK_SEL
0
PLL Output
1
MCLK / MCLK/2
4
PLL_DISABLE
Powers down the PLL if it is not required.
Programs the Q divider (divides from the PLL output frequency of 12.288MHz).
6:5
Divide Value
00
12 (1.024MHz/8kHz)
6:5
Q_DIV
01
8 (1.536MHz/12kHz)
10
6 (2.048MHz/16kHz)
11
4 (3.072MHz/24kHz)
7
RSVD
RESERVED(3)
(2)
For inputs greater than 50Mhz, the input clock divider FAST_CLOCK should be set.
(3)
Reserved bits should be set to zero when programming the associated register.
The voice codec operates at 128*fs, so it requires a 1.024MHz clock to operate on 8kHz data. The Audio DAC
also operates at 128*fs, i.e. 6.144MHz for 48kHz data, 5.6448MHz for 44.1kHz data etc. It is expected that the
PLL is used to drive the audio system unless a 12.288MHz or 24.576MHz (AC’97) master clock is supplied and
the sample rate is always 48kHz, in which case the PLL can be bypassed to reduce power.
The voice codec is always driven from the divided down clock from the PLL output or a divided down version of
the master clock. When using the voice codec for 8kHz operation, program the PLL as you would for 48kHz
operation and use Q to divide by (2*FSaudio/FSvoice).
The PLL can also use the I2S clock input as a source. In this case, the audio DAC uses the clock from the output
of the PLL and the voice codec either uses a divided by 6 clock or a divided version of the MCLK pin.
MCLK must be less than or equal to 50MHz if the input divider is to be used, otherwise MCLK can be any
frequency up to 25MHz. The comparison frequency after the M divider should be less than 5MHz
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM4931



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com