Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4931ITL/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM4931ITL/NOPB
Description  LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4931ITL/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM4931ITL/NOPB Datasheet HTML 1Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 2Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 3Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 4Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 5Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 6Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 7Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 8Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
LM4931
SNAS251E – APRIL 2004 – REVISED MAY 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
Analog Supply Voltage
6.0V
Digital Supply Voltage
6.0V
Storage Temperature
-65°C to +150°C
Power Dissipation(3)
Internally Limited
ESD Susceptibility
Human Body Model(4)
2500V
Machine Model(5)
200V
Junction Temperature
150°C
Thermal Resistance
θJA - YZR0042
105°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
All voltages are measured with respect to the relevant GND pin unless otherwise specified. All grounds should be coupled as close as
possible to the device.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX ,θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX – TA) / θJA or the number given in Absolute Maximum Ratings,
whichever is lower. For the LM4931, see power derating currents for more information.
(4)
Human body model: 100pF discharged through a 1.5k
Ω resistor.
(5)
Machine model: 220pF - 240pF discharged through all pins.
Operating Ratings
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ +85°C
DVDD
(1)
2.7V - 4.0V
Supply Voltage
AVDD
(1)
2.7V - 5.0V
(1)
Best operation is achieved by maintaining 3.0V
≤ AVDD ≤ 5.0 and 3.0V ≤ DVDD ≤ 3.6V and AVDD ≥ DVDD.
Electrical Characteristics DVDD = 3V, AVDD = 3V, RLHP = 32Ω, RLHF = 8Ω
(1) (2)
The following specifications apply for the circuit shown in Figure 62, unless otherwise specified. Limits apply for TA = 25°C.
Symbol
Parameter
Conditions
LM4931
Units
(Limits)
Typical(3
Limits(4)
)
Power
Mode 0
DISD
Digital Shutdown Current
fMLCK = 12MHz
(5)
400
500
μA (max)
No MCLK
1
2
μA (max)
DIST
Digital Standby Current
Mode 1, fMCLK = 12MHz
400
1200
μA (max)
fMLCK = 12MHz
Mode 2, 3, 4
1.3
3.2
mA (max)
DIDD
Digital Power Supply Current
Mode 5, 6, 7
2.8
7
mA (max)
Mode 8, 9, 10
3.2
7.5
mA (max)
PLLIDD
PLL Quiescent Current
fMCLK = 12MHz
2.8
3.5
mA (max)
AISD
Analog Shutdown Current
Mode 0, No load
0.1
2.5
μA (max)
AIST
Analog Standby Current
Mode 1, No load
100
200
μA (max)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
All voltages are measured with respect to the relevant GND pin unless otherwise specified. All grounds should be coupled as close as
possible to the device.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are ensured to TI’s AOQL (Average Outgoing Quality Level).
(5)
Digital shutdown current is measured with system clock set for PLL output while the PLL is disabled.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4931



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com