Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4931ITL/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4931ITL/NOPB
Description  LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4931ITL/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM4931ITL/NOPB Datasheet HTML 1Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 2Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 3Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 4Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 5Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 6Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 7Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 8Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
LM4931
www.ti.com
SNAS251E – APRIL 2004 – REVISED MAY 2013
LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High
Efficiency Loudspeaker and Stereo Headphone Amplifiers
Check for Samples: LM4931
1
FEATURES
KEY SPECIFICATIONS
23
•
18-bit 44.1kHz or 48kHz Stereo DAC
•
PLS OUT at AVDD = 5V, 8Ω
•
16-bit 8kHz , 12kHz , 16kHz, or 24kHz Voice-
–
1% THD+N, 1.1W (Typ)
Band Codec
•
PLS OUT at AVDD = 3.3V, 8Ω
•
PLL for Operation from Common System
–
1% THD+N, 570mW (Typ)
Clocks
•
PH/P OUT at AVDD = 5V & AVDD = 3.3V, 32Ω
•
Either I2C or SPI Compatible Serial Interface
–
1% THD+N, 26mW (Typ)
•
I2S Digital Audio Data Serial Interface
•
Supply Voltage Range
•
PCM Voice Audio Data Serial Interface
–
DVDD, 2.7V to 4.0V
•
Differential Analog Microphone Input
–
AVDD, 2.7V to 5.0V
(1)
•
26mW/Channel Stereo Headphone Amplifier
•
Shutdown Current, 1.1µA
•
570mW Mono High Efficiency BTL 8
Ω
•
PSRR at 217Hz, AVDD = 3V, 62dB (Typ)
Amplifier
•
SNR (Voice Codec), 75dB (Typ)
•
32-step Volume Control for Audio Output
•
SNR (Audio DAC), 86dB (Typ)
Amplifiers with 1.5dB Step Size.
•
Unity-Gain Stable Headphone Amplifiers
DESCRIPTION
•
No Snubber Networks or Bootstrap Capacitors
The LM4931 is an integrated audio subsystem that
are Required by the Headphone or Hands-Free
supports voice and digital audio functions. The
Amplifiers
LM4931 includes a high quality stereo DAC, voice
band codec, a stereo headphone amplifier and a
•
Adjustable Digital Side-Tone Attenuation
high-power high efficiency mono speaker amplifier. It
•
16-step Volume Control for Microphone
is primarily designed for demanding applications in
Preamp with 2dB Step Size
mobile phones and other portable devices.
•
Configurable GPIO/Status Port
The LM4931 features an I2S serial interface for full
•
Available in the 42 bump DSBGA Package
range audio, a 16-bit PCM bi-directional serial
interface for the voice band codec and an I2C/SPI
APPLICATIONS
compatible interface for control. The full range music
path features an SNR of 86dB with an 18-bit 48kHz
•
2.5 and 3G Mobile Phones and Multimedia
input. The headphone amplifier delivers at least
Terminals
26mWRMS to a 32Ω single-ended stereo load with
•
PDAs, Internet Appliances and Portable
less than 1% distortion (THD+N) when AVDD =
Gaming
3.3VDC. The mono speaker amplifier delivers up to
570mWRMS into an 8Ω load with less than 1%
•
Portable DVD/CD/AAC/MP3 Players
distortion when AVDD = 3.3VDC.
•
Digital Cameras and Toys
(1)
Best operation is achieved by maintaining 3.0V
≤ AVDD ≤ 5.0
and 3.0V
≤ DVDD ≤ 3.6V and AVDD ≥ DVDD.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Boomer is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4931ITL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4931ITL/NOPB TI1-LM4931ITL/NOPB Datasheet
1Mb / 50P
Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
More results

Similar Description - LM4931ITL/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4931 NSC-LM4931_06 Datasheet
1Mb / 48P
Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
logo
Texas Instruments
LM4930 TI1-LM4930_14 Datasheet
1Mb / 41P
Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4935 TI1-LM4935_14 Datasheet
2Mb / 91P
Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
LM4930 TI-LM4930_15 Datasheet
1Mb / 40P
LM4930 Boomer??Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 TI1-LM4930 Datasheet
1Mb / 40P
Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4931 TI1-LM4931 Datasheet
1Mb / 50P
Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
LM4935 TI1-LM4935 Datasheet
2Mb / 90P
Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com