Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12L034 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12L034
Description  3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L034 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC12L034 Datasheet HTML 1Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 2Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 3Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 4Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 5Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 6Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 7Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 8Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Connection Diagrams
16-Pin Wide Body
SO Package
20-Pin Wide Body
SO Package
01183002
Top View
01183003
* This product is on lifetime buy or obsolete. Shown for reference only.
Top View
28-Pin Wide Body
SO Package
24-Pin Wide Body
SO Package
01183005
Top View
01183004
* This product is on lifetime buy or obsolete. Shown for reference only.
Top View
Ordering Information
Industrial Temperature Range
−40˚C
≤ T
A
≤ +85˚C
NS Package
Number
ADC12L030CIWM
M16B
ADC12L032CIWM *
M20B
ADC12L034CIWM *
M24B
ADC12L038CIWM
M28B
* This product is on lifetime buy or obsolete. Shown for reference only.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com