Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12L034 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12L034
Description  3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L034 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button ADC12L034 Datasheet HTML 20Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 21Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 22Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 23Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 24Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 25Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 26Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 27Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Application Information
1.0 DIGITAL INTERFACE
1.1 Interface Concepts
The example in Figure 7 shows a typical sequence of events
after the power is applied to the ADC12L030/2/4/8:
The first instruction input to the A/D via DI initiates Auto-Cal.
The data output on DO at that time is meaningless and is
completely random. To determine whether the Auto-Cal has
been completed, a read status instruction is issued to the
A/D. Again the data output at that time has no significance
since the Auto-Cal procedure modifies the data in the output
shift register. To retrieve the status information, an additional
read status instruction is issued to the A/D. At this time the
status data is available on DO. If the Cal signal in the status
word is low Auto-Cal has been completed. Therefore, the
next instruction issued can start a conversion. The data
output at this time is again status information. To keep noise
from corrupting the A/D conversion, the status can not be
read during a conversion. If CS is brought low during a
conversion, that conversion is prematurely ended. EOC can
be used to determine the end of a conversion or the A/D
controller can keep track in software of when it would be
appropriate to communicate to the A/D again. Once it has
been determined that the A/D has completed a conversion
another instruction can be transmitted to the A/D. The data
from this conversion can be accessed when the next instruc-
tion is issued to the A/D.
Note, when CS is low continuously it is important to transmit
the exact number of SCLK cycles, as shown in the timing
diagrams. Not doing so will desynchronize the serial com-
munication to the A/D (see Section 1.3).
1.2 Changing Configuration
The configuration of the ADC12L030/2/4/8 on power up
defaults to 12-bit plus sign resolution, 12- or 13-bit MSB
First, 10 CCLK acquisition time, user mode, no Auto-Cal, no
Auto-Zero, and power up mode. Changing the acquisition
time and turning the sign bit on and off requires an 8-bit
instruction to be issued to the ADC. This instruction will not
start a conversion. The instructions that select a multiplexer
address and format the output data do start a conversion.
Figure 8 describes an example of changing the configuration
of the ADC12L030/2/4/8.
During I/O sequence 1, the instruction at DI configures the
ADC12L030/2/4/8 to do a conversion with 12-bit +sign reso-
lution. Notice that when the 6 CCLK Acquisition and Data
Out without Sign instructions are issued to the ADC, I/O
sequences 2 and 3, a new conversion is not started. The
data output during these instructions is from conversion N
which was started during I/O sequence 1. The Configuration
Modification timing diagram describes in detail the sequence
of events necessary for a Data Out without Sign, Data Out
with Sign, or 6/10/18/34 CCLK Acquisition time mode selec-
tion. Table 5 describes the actual data necessary to be input
to the ADC to accomplish this configuration modification. The
next instruction, shown in Figure 8, issued to the A/D starts
conversion N+1 with 8 bits of resolution formatted MSB first.
Again the data output during this I/O cycle is the data from
conversion N.
The number of SCLKs applied to the A/D during any conver-
sion I/O sequence should vary in accord with the data out
word format chosen during the previous conversion I/O se-
quence. The various formats and resolutions available are
shown in Table 1.In Figure 8, since 8-bit without sign MSB
first format was chosen during I/O sequence 4, the number
of SCLKs required during I/O sequence 5 is 8. In the follow-
ing I/O sequence the format changes to 12-bit without sine
MSB first; therefore the number of SCLKs required during
I/O sequence 6 changes accordingly to 12.
1.3 CS Low Continuously Considerations
When CS is continuously low, it is important to transmit the
exact number of SCLK pulses that the ADC expects. Not
doing so will desynchronize the serial communications to the
ADC. When the supply power is first applied to the ADC, it
will expect to see 13 SCLK pulses for each I/O transmission.
The number of SCLK pulses that the ADC expects to see is
the same as the digital output word length. The digital output
word length is controlled by the Data Out (DO) format. The
DO format maybe changed any time a conversion is started
or when the sign bit is turned on or off. The table below
details out the number of clock periods required for different
01183036
FIGURE 7. Typical Power Supply Power Up Sequence
01183037
FIGURE 8. Changing the ADC’s Conversion Configuration
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com