Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12L034 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12L034
Description  3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L034 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC12L034 Datasheet HTML 1Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 2Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 3Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 4Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 5Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 6Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 7Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 8Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
ADC12L030/ADC12L032/ADC12L034/ADC12L038
3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D
Converters with MUX and Sample/Hold
General Description
NOTE: These products are now obsolete.
The ADC12L030 family is 12-bit plus sign successive ap-
proximation A/D converters with serial I/O and configurable
input multiplexers. These devices are fully tested with a
single 3.3V power supply. The ADC12L032, ADC12L034 and
ADC12L038 have 2, 4 and 8 channel multiplexers, respec-
tively. Differential multiplexer outputs and A/D inputs are
available at the MUXOUT1, MUXOUT2, A/DIN1 and A/DIN2
pins. The ADC12L030 has a two channel multiplexer with the
multiplexer outputs and A/D inputs internally connected. On
request, these A/Ds go through a self calibration process
that adjusts linearity, zero and full-scale errors to less than
±1⁄2 LSB each.
The analog inputs can be configured to operate in various
combinations of single-ended, differential, or pseudo-
differential modes. A fully differential unipolar analog input
range (0V to +3.3V) can be accommodated with a single
+3.3V supply. In the differential modes, valid outputs are
obtained even when the negative inputs are greater than the
positive because of the 12-bit plus sign two’s compliment
output data format.
The serial I/O is configured to comply with NSC’s
MICROWIRE™ and Motorola’s SPI standards. For voltage
references, see the LM4040, LM4050 or LM4041 data
sheets.
The ADC12L032 and the ADC12L034 are not recommended
for new designs and are presented for reference only.
Features
n
0V to 3.3V analog input range with single 3.3V supply
n
Serial I/O ( MICROWIRE and SPI Compatible)
n
2 or 8 channel differential or single-ended multiplexer
n
Power down mode
n
Programmable acquisition time
n
Variable digital output word length and format
n
No zero or full scale adjustment required
Key Specifications
n
Resolution
12-bit plus sign
n
12-bit plus sign conversion time
8.8 µs (min)
n
12-bit plus sign sampling rate
73 kHz (max)
n
Integral linearity error
±1 LSB (max)
n
Single supply
3.3V ±10%
n
Power consumption, active
15 mW (max)
n
Power consumption, pwr down
40 µW (typ)
Applications
n
Portable Medical instruments
n
Portable computing
n
Portable Test equipment
ADC12L038 Simplified Block Diagram
01183001
COPS™ microcontrollers, HPC™ and MICROWIRE™ are trademarks of National Semiconductor Corporation.
Microsoft™ is a trademark of Microsoft Corporation.
OBSOLETE
September 2006
© 2006 National Semiconductor Corporation
DS011830
www.national.com


Similar Part No. - ADC12L034

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12L034CIWM NSC-ADC12L034CIWM Datasheet
828Kb / 36P
3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results

Similar Description - ADC12L034

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12L030 NSC-ADC12L030 Datasheet
828Kb / 36P
3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 TI1-ADC12130_14 Datasheet
2Mb / 52P
ADC12130/ADC12132/ADC12138 Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com