Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12L034 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12L034
Description  3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L034 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC12L034 Datasheet HTML 3Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 4Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 5Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 6Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 7Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 8Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 9Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 10Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
AC Electrical Characteristics (Continued)
The following specifications apply for V
+ =V
A+=VD+ = +3.3 VDC,VREF+ = +2.500 VDC,VREF−=0VDC, 12-bit + sign conver-
sion mode, t
r =tf = 3 ns, fCK =fSK = 5 MHz, RS =25
Ω, source impedance for V
REF+ and VREF−
≤ 25Ω, fully-differential input
with fixed 1.250V common-mode voltage, and 10(t
CK) acquisition time unless otherwise specified. Boldface limits apply for
T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. (Note 17)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits (Note 11)
Units (Limits)
t
A
Acquisition Time (Note 19)
6 Cycles Programmed
6(t
CK)
6(t
CK)
(min)
7(t
CK)
(max)
1.2
µs (min)
1.4
µs (max)
10 Cycles Programmed
10(t
CK)
10(t
CK)
(min)
11(t
CK)
(max)
2.0
µs (min)
2.2
µs (max)
18 Cycles Programmed
18(t
CK)
18(t
CK)
(min)
19(t
CK)
(max)
3.6
µs (min)
3.8
µs (max)
34 Cycles Programmed
34(t
CK)
34(t
CK)
(min)
35(t
CK)
(max)
6.8
µs (min)
7.0
µs (max)
t
CAL
Self-Calibration Time
4944(t
CK)
4944(t
CK)
(max)
988.8
µs (max)
t
AZ
Auto-Zero Time
76(t
CK)
76(t
CK)
(max)
15.2
µs (max)
t
SYNC
Self-Calibration or Auto-Zero
Synchronization Time from DOR
2(t
CK)
2(t
CK)
(min)
3(t
CK)
(max)
0.40
µs (min)
0.60
µs (max)
t
DOR
DOR High Time when CS is Low
Continuously for Read Data and
Software Power Up/Down
9(t
SK)
9(t
SK)
(max)
1.8
µs (max)
t
CONV
CONV Valid Data Time
8(t
SK)
8(t
SK)
(max)
1.6
µs (max)
t
HPU
Hardware Power-Up Time, Time from
PD Falling Edge to EOC Rising Edge
250
700
µs (max)
t
SPU
Software Power-Up Time, Time from
Serial Data Clock Falling Edge to EOC
Rising Edge
500
700
µs (max)
t
ACC
Access Time Delay from CS Falling
Edge to DO Data Valid
25
60
ns (max)
t
SET-UP
Set-Up Time of CS Falling Edge to
Serial Data Clock Rising Edge
50
ns (min)
t
DELAY
Delay from SCLK Falling Edge to CS
Falling Edge
0
5
ns (min)
t
1H,t0H
Delay from CS Rising Edge to DO
TRI-STATE®
R
L = 3k, CL = 100 pF
70
100
ns (max)
t
HDI
DI Hold Time from Serial Data Clock
Rising Edge
5
15
ns (min)
t
SDI
DI Set-Up Time from Serial Data Clock
Rising Edge
5
10
ns (min)
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com