Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12L034 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12L034
Description  3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L034 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button ADC12L034 Datasheet HTML 19Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 20Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 21Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 22Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 23Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 24Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 25Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 26Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Format and Set-Up Tables (Continued)
TABLE 6. Conversion/Read Data Only Mode Programming
CS
CONV
PD
Mode
L
L
L
See Table 5 for Mode
LH
L
Read Only (Previous DO Format)
No Conversion
H
X
L
Idle
X
X
H
Power Down
X = Don’t Care
TABLE 7. Status Register
Status Bit
Location
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
Status Bit
PU
PD
Cal
8 or 9
12 or 13
16 or 17
Sign
Justification
Test
Mode
Device Status
DO Output Format Status
“High”
indicates a
Power Up
Sequence
is in
progress
“High”
indicates a
Power
Down
Sequence
is in
progress
“High”
indicates
an
Auto-Cal
Sequence
is in
progress
“High”
indicates
an8or9
bit format
“High”
indicates a
12 or 13
bit format
“High”
indicates a
16 or 17
bit format
“High”
indicates
that the
sign bit is
included.
When
“Low” the
sign bit is
not
included.
When “High”
the conversion
result will be
output MSB
first. When
“Low” the result
will be output
LSB first.
When
“High” the
device is
in test
mode.
When
“Low” the
device is
in user
mode.
Function
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com