Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12L034 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12L034
Description  3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L034 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button ADC12L034 Datasheet HTML 16Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 17Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 18Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 19Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 20Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 21Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 22Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 23Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Timing Diagrams (Continued)
Format and Set-Up Tables
TABLE 1. Data Out Formats
DO Formats
DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 DB8 DB9 DB10 DB11 DB12 DB13 DB14 DB15 DB16
with
Sign
MSB
First
17 Bits
XXXX
Sign MSB
10
9
8
7
65432
1
LSB
13 Bits Sign MSB
10
9
8
76543
2
1
LSB
9 Bits Sign
MSB
6
5
4
3
2
1
LSB
LSB
First
17 Bits LSB
1
2
3
4
56789
10
MSB Sign
X
X
X
X
13 Bits LSB
1
2
3
4
56789
10
MSB Sign
9 Bits LSB
1
2
3
4
5
6
MSB Sign
without
Sign
MSB
First
16 Bits
0000
MSB
10
9876
54321
LSB
12 Bits MSB
10
9
8
7
65432
1
LSB
8 Bits MSB
6
5
4
3
2
1
LSB
LSB
First
16 Bits LSB
1
2
3
4
56789
10
MSB
0
0
0
0
12 Bits LSB
1
2
3
4
56789
10
MSB
8 Bits LSB
1
2
3
4
5
6
MSB
X = High or Low state.
01183034
FIGURE 6. Protecting the MUXOUT1, MUXOUT2, A/DIN1 and A/DIN2 Analog Pins
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com