Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12L034 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12L034
Description  3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L034 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button ADC12L034 Datasheet HTML 21Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 22Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 23Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 24Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 25Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 26Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 27Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 28Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
Application Information (Continued)
DO formats:
DO Format
Number of
SCLKs
Expected
8-Bit MSB or LSB First
SIGN OFF
8
SIGN ON
9
12-Bit MSB or LSB First
SIGN OFF
12
SIGN ON
13
16-Bit MSB or LSB first
SIGN OFF
16
SIGN ON
17
If erroneous SCLK pulses desynchronize the communica-
tions, the simplest way to recover is by cycling the power
supply to the device. Not being able to easily resynchronize
the device is a shortcoming of leaving CS low continuously.
The number of clock pulses required for an I/O exchange
may be different for the case when CS is left low continu-
ously vs. the case when CS is cycled. Take the I/O sequence
detailed in Figure 7 (Typical Power Supply Sequence) as an
example. The table below lists the number of SCLK pulses
required for each instruction:
Instruction
CS Low
Continuously
CS Strobed
Auto-Cal
13 SCLKs
8 SCLKs
Read Status
13 SCLKs
8 SCLKs
Read Status
13 SCLKs
8 SCLKs
12-Bit + Sign Conv 1
13 SCLKs
8 SCLKs
12-Bit + Sign Conv 2
13 SCLKs
13 SCLKs
1.4 Analog Input Channel Selection
The data input on DI also selects the channel configuration
for a particular A/D conversion (See Tables 2, 3, 4, 5). In
Figure 8 the only times when the channel configuration could
be modified would be during I/O sequences 1, 4, 5 and 6.
Input channels are reselected before the start of each new
conversion. Shown below is the data bit stream required on
DI, during I/O sequence number 4 in Figure 8, to set CH1 as
the positive input and CH0 as the negative input for the
different versions of ADCs:
Part
Number
DI Data
DI0 DI1 DI2 DI3 DI4 DI5 DI6 DI7
ADC12L030
LHL
L
HL
X
X
ADC12L032
LHL
L
HL
X
X
ADC12L034
L
H
LLL
H
L
X
ADC12L038
L
H
LLLL
H
L
Where X can be a logic high (H) or low (L).
1.5 Power Up/Down
The ADC may be powered down by taking the PD pin HIGH
or by the instruction input on DI (see Tables 5, 6, and the
Power Up/Down timing diagrams). When the ADC is pow-
ered down in this way, the A/D conversion circuitry is deac-
tivated, but the digital I/O circuitry is kept active. Hardware
power up/down is controlled by the state of the PD pin.
Software power up/down is controlled by the instruction
issued to the ADC. If a software power up instruction is
issued to the ADC while a hardware power down is in effect
(PD pin high) the device will remain in the power-down state.
If a software power down instruction is issued to the ADC
while a hardware power up is in effect (PD pin low), the
device will power down. When the device is powered down
by software, it may be powered up by either issuing a
software power up instruction or by taking PD pin high and
then low. If the power down command is issued during an
A/D conversion, that conversion is disrupted. Therefore, the
data output after power up cannot be relied on.
1.6 User Mode and Test Mode
An instruction may be issued to the ADC to put it into test
mode, which is used by the manufacturer to verify complete
functionality of the device. During test mode CH0–CH7 be-
come active outputs. If the device is inadvertently put into the
test mode with CS low continuously, the serial communica-
tions may be desynchronized. Synchronization may be re-
gained by cycling the power supply voltage to the device.
Cycling the power supply voltage will also set the device into
user mode. If CS is used in the serial interface, the ADC may
be queried to see what mode it is in. This is done by issuing
a “read STATUS register” instruction to the ADC. When bit 9
of the status register is high the ADC is in test mode; when
bit 9 is low the ADC is in user mode. As an alternative to
cycling the power supply, an instruction sequence may be
used to return the device to user mode. This instruction
sequence must be issued to the ADC using CS. The follow-
ing table lists the instructions required to return the device to
user mode. Note that this entire sequence, including both
Test Mode and User Mode values, should be sent to recover
from the test mode.
Instruction
DI Data
DI0 DI1 DI2 DI3 DI4 DI5 DI6 DI7
TEST MODE
H
XXX
H
H
H
H
Reset
Test Mode
Instructions
LLLL
H
H
H
L
LLLL
H
L
H
L
LLLL
H
L
H
H
USER MODE
LLLL
H
H
H
H
Power Up
LLLL
H
L
H
L
Set DO with or
without Sign
H
or
L
LLL
H
H
L
H
Set Acquisition
Time
H
or
L
H
or
L
L
L
HHH
L
Start a
Conversion
H
or
L
H
or
L
H
or
L
H
or
L
L
H
or
L
H
or
L
H
or
L
X = Don’t Care
1.7 Reading the Data Without Starting a Conversion
The data from a particular conversion may be accessed
without starting a new conversion by ensuring that the
CONV line is taken high during the I/O sequence. See the
Read Data timing diagrams. Table 6 describes the operation
of the CONV pin.
2.0 DESCRIPTION OF THE ANALOG MULTIPLEXER
For the ADC12L038, the analog input multiplexer can be
configured with 4 differential channels or 8 single ended
channels with the COM input as the zero reference or any
combination thereof (see Figure 9 ). The difference between
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com