Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12L034 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12L034
Description  3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L034 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button ADC12L034 Datasheet HTML 24Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 25Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 26Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 27Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 28Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 29Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 30Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 31Page - National Semiconductor (TI) ADC12L034 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Application Information (Continued)
3.0 REFERENCE VOLTAGE
The difference in the voltages applied to the V
REF
+ and
V
REF
− defines the analog input span (the difference between
the voltage applied between two multiplexer inputs or the
voltage applied to one of the multiplexer inputs and analog
ground), over which 4095 positive and 4096 negative codes
exist. The voltage sources driving V
REF
+ or V
REF
− must have
very low output impedance and noise.
The ADC12L030/2/4/8 can be used in either ratiometric or
absolute reference applications. In ratiometric systems, the
analog input voltage is proportional to the voltage used for
the ADC’s reference voltage. When this voltage is the sys-
tem power supply, the V
REF
+ pin is connected to V
A
+ and
V
REF
− is connected to ground. This technique relaxes the
system reference stability requirements because the analog
input voltage and the ADC reference voltage move together.
This maintains the same output code for given input condi-
tions. For absolute accuracy, where the analog input voltage
varies between very specific voltage limits, a time and tem-
perature stable voltage source can be connected to the
reference inputs. Typically, the reference voltage’s magni-
tude will require an initial adjustment to null reference volt-
age induced full-scale errors.
Below are recommended references along with some key
specifications.
Part Number
Output
Voltage
Tolerance
Temperature
Coefficient
(max)
LM4041CIM3-Adj
±0.5%
±100ppm/˚C
LM4040AIM3-2.5
±0.1%
±100ppm/˚C
LM4050AIM3-2.5
±0.1%
±50ppm/˚C
01183047
FIGURE 13. Pseudo-Differential Biasing with the Signal Source AC Coupled Directly into the ADC
01183050
FIGURE 14. Fully Differential Biasing
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com