Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263AT Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF85263AT
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263AT Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF85263AT Datasheet HTML 19Page - NXP Semiconductors PCF85263AT Datasheet HTML 20Page - NXP Semiconductors PCF85263AT Datasheet HTML 21Page - NXP Semiconductors PCF85263AT Datasheet HTML 22Page - NXP Semiconductors PCF85263AT Datasheet HTML 23Page - NXP Semiconductors PCF85263AT Datasheet HTML 24Page - NXP Semiconductors PCF85263AT Datasheet HTML 25Page - NXP Semiconductors PCF85263AT Datasheet HTML 26Page - NXP Semiconductors PCF85263AT Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
23 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
8.4.2 Alarms in stop-watch mode
In stop-watch mode, Alarm 1 can be configured from seconds to 999999 hours. Alarm 2
operates on minutes up to 9999 hours.
8.4.2.1
Alarm1 and alarm2 registers in stop-watch mode
Setting the time for alarm1 and alarm2: Only the information which is relevant for the
alarm condition must to be programmed. The unused parts are ignored.
8.4.2.2
Alarm1 and alarm2 control in stop-watch mode
Table 15.
Alarm1 and alarm2 registers in stop-watch mode coded in BCD (RTCM = 1)
Bit positions labeled as - are not implemented.
Address
Register name
Upper-digit (ten’s place)
Digit (unit place)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Stop-watch alarm1 registers
08h
Second_alm1
-
0 to 5
0 to 9
09h
Minute_alm1
-
0 to 5
0 to 9
09h
Hr_xx_xx_00_alm1
0 to 9
0 to 9
0Bh
Hr_xx_00_xx_alm1
0 to 9
0 to 9
0Ch
Hr_00_xx_xx_alm1
0 to 9
0 to 9
Stop-watch alarm2 registers
0Dh
Minute_alm2
-
0 to 5
0 to 9
0Eh
Hr_xx_00_alm2
0 to 9
0 to 9
0Fh
Hr_00_xx_alm2
0 to 9
0 to 9
Table 16.
Alarm_enables- alarm enable control register (address 10h) bit
description
Bit
Symbol
Value
Description
Stop-watch alarm2
7
HR_00_XX_A2E
thousands of hours alarm2 enable
0[1]
disabled
1
enabled
6
HR_XX_00_A2E
tens of hours alarm2 enable
0[1]
disabled
1
enabled
5
MIN_A2E
minute alarm2 enable
0[1]
disabled
1
enabled
Stop-watch alarm1
4
HR_00_XX_XX_A1E
100 thousands of hours alarm1 enable
0[1]
disabled
1
enabled
3
HR_XX_00_XX_A1E
thousands of hours alarm1 enable
0[1]
disabled
1
enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com