Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263AT Datasheet(PDF) 50 Page - NXP Semiconductors

Part # PCF85263AT
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263AT Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button PCF85263AT Datasheet HTML 46Page - NXP Semiconductors PCF85263AT Datasheet HTML 47Page - NXP Semiconductors PCF85263AT Datasheet HTML 48Page - NXP Semiconductors PCF85263AT Datasheet HTML 49Page - NXP Semiconductors PCF85263AT Datasheet HTML 50Page - NXP Semiconductors PCF85263AT Datasheet HTML 51Page - NXP Semiconductors PCF85263AT Datasheet HTML 52Page - NXP Semiconductors PCF85263AT Datasheet HTML 53Page - NXP Semiconductors PCF85263AT Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
50 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
When enabled, interrupts are triggered every time the battery switch circuit switches to
either battery or to VDD and even if the BSF is not cleared, an interrupt pulse can be
generated.
In addition, the INTA pin can be configured as a battery mode indicator
(INTAPM[1:0] = 00). See Section 8.12.6 on page 52. This mode differs from a general
interrupt signal in that it is only controlled by the current battery switch status.
See Section 8.9 on page 38 for interrupt control.
Remark: INTB pin is only active when the IC is operating from VDD.
8.12 Pin_IO register
This register is used to define the input and output modes of the IC.
8.12.1 CLKPM: CLK pin mode control
[1]
CLK pin is not available on all package types.
[2]
Default value.
Setting the CLKPM bit disables the CLK output and force the pin to drive out a logic 0.
Clearing this bit enables the pad to output the selected clock frequency (see bits COF[2:0]
in the Function register, see Table 51 on page 54).
8.12.2 TSPULL: TS pin pull-up resistor value
[1]
Default value.
Controls the pull-up resistor value used in the mechanical switch detector. For
applications where there is a large capacitance on the TS pin e.g. from a long connecting
cable to the mechanical switch, the pull-up resistor value can be halved to improve switch
detection.
Using the low-resistance value increases current consumption when the switch is closed
i.e. shorting to VSS.
Table 43.
Pin_IO- pin input output control register (address 27h) bit description
Bit
7
6
5
4
3
2
1
0
Symbol
CLKPM
TSPULL
TSL
TSIM
TSPM[1:0]
INTAPM[1:0]
Section
Section 8.12.1
Section 8.12.2
Section 8.12.3
Section 8.12.5
Section 8.12.4
Section 8.12.6
Table 44.
CLKPM bit - Pin_IO control register (address 27h)
Bit
Symbol
Value
Description
7CLKPM[1]
CLK pin mode
0[2]
enable CLK pin
1
disable CLK pin
Table 45.
TSPULL bit - Pin_IO control register (address 27h)
Bit
Symbol
Value
Description
6
TSPULL
TS pin pull-up resistor value
0[1]
80 k
140 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com