Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263AT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF85263AT
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263AT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF85263AT Datasheet HTML 2Page - NXP Semiconductors PCF85263AT Datasheet HTML 3Page - NXP Semiconductors PCF85263AT Datasheet HTML 4Page - NXP Semiconductors PCF85263AT Datasheet HTML 5Page - NXP Semiconductors PCF85263AT Datasheet HTML 6Page - NXP Semiconductors PCF85263AT Datasheet HTML 7Page - NXP Semiconductors PCF85263AT Datasheet HTML 8Page - NXP Semiconductors PCF85263AT Datasheet HTML 9Page - NXP Semiconductors PCF85263AT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 100 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
7.2 Pin description
[1]
Connect to VDD if not used.
[2]
See Table 7 and Table 47.
[3]
The die paddle (exposed pad) is connected to VSS through high ohmic (non-conductive) silicon attach and should be electrically isolated. It is good engineering practice to solder
the exposed pad to an electrically isolated PCB copper pad as shown in Figure 45 “Package outline SOT1197-1 (DFN2626-10), PCF85263ATL” for better heat transfer but it is not
required as the RTC doesn’t consume much power. In no case should traces be run under the package exposed pad.
[4]
See Table 7 and Table 49.
Table 4.
Pin description
Input or input/output pins must always be at a defined level (VSS or VDD) unless otherwise specified.
Symbol
Pin
Type
Description
PCF85263AT
(SO8)
PCF85263ATL
(DFN2626-10)
PCF85263ATT
(TSSOP8)
PCF85263ATT1
(TSSOP10)
Primary use
Secondary use
OSCI
1
1
1
1
input
oscillator input
-
OSCO
2
2
2
2
output
oscillator output
-
VBAT
3
3
3
3
supply
battery backup supply
voltage[1]
-
TS (CLK/INTB)
-
4-
4input/
output
can be configured with TSPM[1:0][2]
timestamp input
INTB and CLK output
(push-pull); stop-watch
control
VSS
4
5[3]
4
5
supply
ground supply voltage
-
SDA
5656input/
output
serial data line
-
SCL
6
7
6
7
input
serial clock input
-
CLK
-
8
-
8
output
CLK (push-pull)
-
INTA (CLK)
7
9
7
9
output
can be configured with INTAPM[1:0][4]
interrupt output
(open-drain)
CLK output (open-drain)
VDD
8
10
8
10
supply
supply voltage
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com