Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263AT Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCF85263AT
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263AT Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCF85263AT Datasheet HTML 30Page - NXP Semiconductors PCF85263AT Datasheet HTML 31Page - NXP Semiconductors PCF85263AT Datasheet HTML 32Page - NXP Semiconductors PCF85263AT Datasheet HTML 33Page - NXP Semiconductors PCF85263AT Datasheet HTML 34Page - NXP Semiconductors PCF85263AT Datasheet HTML 35Page - NXP Semiconductors PCF85263AT Datasheet HTML 36Page - NXP Semiconductors PCF85263AT Datasheet HTML 37Page - NXP Semiconductors PCF85263AT Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
34 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
8.8 Offset register
The PCF85263A incorporates an offset register (address 24h) which can be used to
implement several functions, such as:
• Accuracy tuning
• Aging adjustment
• Temperature compensation
There are two modes which define the correction period, normal mode and fast mode.
The normal mode is suitable for offset trimming. The fast mode is suitable for dynamic
offset correction e.g. implementing a temperature correction. The fast mode consumes
more current. Offset mode is defined by bit OFFM in the Oscillator register (Section 8.10).
[1]
Default value.
For OFFM = 0, each LSB introduces an offset of 2.170 ppm. For OFFM = 1, each LSB
introduces an offset of 2.0345 ppm. The offset value is coded in two’s complement giving
a range of +127 LSB to
128 LSB, see Table 25.
[1]
Default value.
Table 23.
Offset - offset register (address 24h) bit description
Bit
Symbol
Value
Description
7 to 0
OFFSET[7:0]
see Table 25
offset value
Table 24.
OFFM bit - oscillator control register (address 25h)
See Section 8.10 on page 42.
Bit
Symbol
Value
Description
6OFFM
offset mode bit
0[1]
normal mode: correction is made every 4
hours; 2.170 ppm/step
1
fast mode: correction is made once every 8
minutes;2.0345 ppm/step
Table 25.
Offset values
OFFSET[7:0]
Offset value in
decimal
Offset value in ppm
Normal mode
OFFM = 0
Fast mode
OFFM = 1
01111111
+127
+275.590
+258.3815
01111110
+126
+273.420
+256.3470
::
:
:
00000010
+2
+4.340
+4.0690
00000001
+1
+2.170
+2.0345
00000000[1]
00[1]
0[1]
11111111
1
2.170
2.0345
11111110
2
4.340
4.0690
::
:
:
10000001
127
275.590
258.3815
10000000
128
277.760
260.416



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com