Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263AT Datasheet(PDF) 57 Page - NXP Semiconductors

Part # PCF85263AT
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263AT Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button PCF85263AT Datasheet HTML 53Page - NXP Semiconductors PCF85263AT Datasheet HTML 54Page - NXP Semiconductors PCF85263AT Datasheet HTML 55Page - NXP Semiconductors PCF85263AT Datasheet HTML 56Page - NXP Semiconductors PCF85263AT Datasheet HTML 57Page - NXP Semiconductors PCF85263AT Datasheet HTML 58Page - NXP Semiconductors PCF85263AT Datasheet HTML 59Page - NXP Semiconductors PCF85263AT Datasheet HTML 60Page - NXP Semiconductors PCF85263AT Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
57 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
8.14 Flags register
[1]
Default value.
The flags are set by their respective function. A full description can be found there. All
flags behave the same way. They are set by some function of the IC and remain set until
overwritten by command. It is possible to clear flags individually. To prevent one flag being
overwritten while clearing another, a logic AND is performed during a write access. All
flags are combined to generate an event monitoring signal called EMON. EMON is
described in Section 8.2.3 on page 15 and can be read as the MSB of minutes register.
Table 60.
Flags - Flag status register (address 2Bh) bit description
Bit
Symbol
Flag name
Value
Description
7
PIF
Periodic Interrupt Flag
Section 8.13.2 on page 54
0[1]
read: periodic interrupt flag inactive
write: periodic interrupt flag is cleared
1
read: periodic interrupt flag active
write: periodic interrupt flag remains unchanged
6
A2F
Alarm2 Flag
Section 8.4 on page 19
0[1]
read: alarm2 flag inactive
write: alarm2 flag is cleared
1
read: alarm2 flag active
write: alarm2 flag remains unchanged
5
A1F
Alarm1 Flag
Section 8.4 on page 19
0[1]
read: alarm1 flag inactive
write: alarm1 flag is cleared
1
read: alarm1 flag active
write: alarm1 flag remains unchanged
4
WDF
WatchDog Flag
Section 8.5 on page 26
0[1]
read: WatchDog flag inactive
write: WatchDog flag is cleared
1
read: WatchDog flag active
write: WatchDog flag remains unchanged
3
BSF
Battery Switch Flag
Section 8.11 on page 44
0[1]
read: battery switch flag inactive
write: battery switch flag is cleared
1
read: battery switch flag active
write: battery switch flag remains unchanged
2TSR13F
Timestamp Register 3
event Flag
Section 8.7 on page 28
0[1]
read: timestamp register 3 flag inactive
write: timestamp register 3 flag is cleared
1
read: timestamp register 3 flag active
write: timestamp register 3 flag remains unchanged
1
TSR2F
Timestamp Register 2
event Flag
Section 8.7 on page 28
0[1]
read: timestamp register 2 flag inactive
write: timestamp register 2 flag is cleared
1
read: timestamp register 2 flag active
write: timestamp register 2 flag remains unchanged
0
TSR1F
Timestamp Register 1
event Flag
Section 8.7 on page 28
0[1]
read: timestamp register 1 flag inactive
write: timestamp register 1 flag is cleared
1
read: timestamp register 1 flag active
write: timestamp register 1 flag remains unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com