Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263AT Datasheet(PDF) 67 Page - NXP Semiconductors

Part # PCF85263AT
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263AT Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button PCF85263AT Datasheet HTML 63Page - NXP Semiconductors PCF85263AT Datasheet HTML 64Page - NXP Semiconductors PCF85263AT Datasheet HTML 65Page - NXP Semiconductors PCF85263AT Datasheet HTML 66Page - NXP Semiconductors PCF85263AT Datasheet HTML 67Page - NXP Semiconductors PCF85263AT Datasheet HTML 68Page - NXP Semiconductors PCF85263AT Datasheet HTML 69Page - NXP Semiconductors PCF85263AT Datasheet HTML 70Page - NXP Semiconductors PCF85263AT Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
67 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
11. Application design-in information
In this application, stop-watch mode is used to implement an elapsed time counter. The
TS pin is used with a mechanical switch to start and stop the time. Each time the time is
stopped, timestamp2 is loaded with the current time and an interrupt is generated on the
INTA pin.
The RTC must be configured correctly for this mode of operation. Outlined in Table 66 are
the settings needed for this mode.
In addition, the time must be set and any other configurations like battery switch-over,
quartz oscillator driving mode, etc., which are dependent on the application.
The sampler circuit shown in Figure 35 will hold invalid data until the mechanical switch
detector mode is enabled. It then requires a minimum of one sample period to initialize to
the current TS pin level. It is recommended to enable the mechanical detector mode on
the TS pin at least 62.5 ms before enabling the TS event mode. Failure to do so can result
in a false first event.
Fig 35. Application example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com