Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263AT Datasheet(PDF) 52 Page - NXP Semiconductors

Part # PCF85263AT
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263AT Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button PCF85263AT Datasheet HTML 48Page - NXP Semiconductors PCF85263AT Datasheet HTML 49Page - NXP Semiconductors PCF85263AT Datasheet HTML 50Page - NXP Semiconductors PCF85263AT Datasheet HTML 51Page - NXP Semiconductors PCF85263AT Datasheet HTML 52Page - NXP Semiconductors PCF85263AT Datasheet HTML 53Page - NXP Semiconductors PCF85263AT Datasheet HTML 54Page - NXP Semiconductors PCF85263AT Datasheet HTML 55Page - NXP Semiconductors PCF85263AT Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
52 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
8.12.4.2
TS pin output mode; CLK
It is possible to output a clock frequency on the TS pin. Clock frequency is selected with
the COF[2:0] bits in the Function register (Section 8.13 on page 54). The output is
push-pull. No output is available when on VBAT. When on VBAT the output is Hi-Z.
8.12.4.3
TS pin disabled
When disabled the pin is Hi-Z and can be left floating.
8.12.5 TSIM: TS pin input type control
[1]
Default value.
In CMOS input mode (TSIM = 0), input is taken directly from the TS pin. The input is
conditioned by the setting of TSL. When operating on the battery voltage (VBAT), the input
is disabled and is allowed to float.
In mechanical switch detector mode (TSIM = 1), the TS pin is sampled at a rate of 16 Hz
for a period of 30.5
s. At the same time as the sample a pull-up resistor is activated to
detect an open pin or a pin shorted to VSS. The input is referenced to the internal power
supply. This mode operates when on VDD or VBAT. The pull-up resistor value can be
controlled by TSPULL bit in the Pin_IO register (see Section 8.12 on page 50).
8.12.5.1
TS pin input mode
There are two input types which are controlled by the TSIM bit. The TS input can be used
to generate a timestamp event by configuring the timestamp mode bits; TSR2M[2:0] and
TSR1M[1:0] bits in TSR_mode register (see Table 20 on page 30).
Also it is possible to use the TS pin to control counting of time. This is typically for use with
the stop-watch mode where an elapsed time counter function can be implemented. Using
the STOPM bit in the Function register (see Table 51 on page 54) it is possible to control
the STOP bit by the TS pin.
8.12.6 INTAPM[1:0]: INTA pin mode control
[1]
Default value.
Table 48.
TSIM bit - Pin_IO control register (address 27h)
Bit
Symbol
Value
Description
4TSIM
TS pin input mode
0[1]
CMOS input; reference to VDD; disabled when
on VBAT
1
mechanical switch mode; active pull-up
sampled at 16 Hz; operates on VDD and VBAT
Table 49.
INTAPM[1:0] bits - Pin_IO control register (address 27h)
Bit
Symbol
Value
Description
1 to 0
INTAPM[1:0]
INTA pin mode
00[1]
CLK output mode
01
battery mode indication
10
INTA output
11
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com