Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263AT Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF85263AT
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263AT Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF85263AT Datasheet HTML 20Page - NXP Semiconductors PCF85263AT Datasheet HTML 21Page - NXP Semiconductors PCF85263AT Datasheet HTML 22Page - NXP Semiconductors PCF85263AT Datasheet HTML 23Page - NXP Semiconductors PCF85263AT Datasheet HTML 24Page - NXP Semiconductors PCF85263AT Datasheet HTML 25Page - NXP Semiconductors PCF85263AT Datasheet HTML 26Page - NXP Semiconductors PCF85263AT Datasheet HTML 27Page - NXP Semiconductors PCF85263AT Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
24 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
[1]
Default value.
8.4.2.3
Alarm1 and alarm2 function in stop-watch mode
The registers at addresses 08h through 0Ch contain alarm1 information. When one or
more of these registers is loaded with second, minute, and hours, and its corresponding
alarm enable bit (SEC_A1E to HR_00_XX_XX_A1E) is set logic 1, then that information is
compared with the current second, minute, and hours.
The registers at addresses 0Dh through 0Fh contain alarm2 information. When one or
more of these registers is loaded with minute and hours, and its corresponding alarm
enable bit (MIN_A2E to HR_00_XX_A2E) is set logic 1, then that information is compared
with the current minute and hours.
Alarm registers which have their alarm enable bit at logic 0 are ignored.
When the time increments to match the enabled alarms, the alarm flag in the Flags
register (Section 8.14 on page 57) is set. A1F for alarm1 and A2F for alarm2. The alarm
flag is cleared by command.
When the time increments to match the enabled alarms, an interrupt can be generated.
See Section 8.4.3 “Alarm interrupts”.
2
HR_XX_XX_00_A1E
tens of hour alarm1 enable
0[1]
disabled
1
enabled
1
MIN_A1E
minute alarm1 enable
0[1]
disabled
1
enabled
0
SEC_A1E
second alarm1 enable
0[1]
disabled
1
enabled
Table 16.
Alarm_enables- alarm enable control register (address 10h) bit
description …continued
Bit
Symbol
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com