Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6015 Datasheet(PDF) 62 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Part # HT6015
Description  HT6X1X User Manual
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITREND [Hi-trend Technology (Shanghai) Co., Ltd.]
Direct Link  https://www.hitrendtech.com/
Logo HITREND - Hi-trend Technology (Shanghai) Co., Ltd.

HT6015 Datasheet(HTML) 62 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Back Button HT6015 Datasheet HTML 58Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 59Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 60Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 61Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 62Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 63Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 64Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 65Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 66Page - Hi-trend Technology (Shanghai) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 161 page
background image
HT6X1X 用户手册
版权归钜泉光电科技(上海)股份有限公司所有
http://www.hitrendtech.com
Page62 of 161
Rev1.9
0x0C
PTUP
R/W
0x0000
端口上拉配置寄存器
0x10
PTDAT
R/W
0x0000
端口数据寄存器
0x14
PTSET
W
0x0000
端口设置寄存器(只写)
0x18
PTCLR
W
0x0000
端口复位寄存器(只写)
0x1C
PTTOG
W
0x0000
端口翻转寄存器(只写)
0x20
PTOD
R/W
0xFFFF
端口 Open Drain 功能配置寄存器
GPIO 模块寄存器基地址: 0x40011500(大电流端口);
偏移地址
名称
读写方式
复位值
功能描述
0x00
HDPORT
R/W
0x0000
大电流端口配置寄存器
7.4 特殊功能寄存器说明
IOCFG(写保护)
(端口功能配置寄存器 1)
基地址:
0x40011000--0x40011400
偏移地址: 00H
Bit15
14
13
12
11
10
9
Bit8
Read:
PT[15:8]
Write:
Reset:
0
0
0
0
0
0
0
0
Bit7
6
5
4
3
2
1
Bit0
Read:
PT[7:0]
Write:
Reset:
0
0
0
0
0
0
0
0
位
功能描述
PT[15:0]
端口 IO 功能配置位
0:对应的端口配置为 GPIO
1:对应的端口配置为功能 PIN
注:有些端口没有使用如 PA14,PA15,对于这类端口相应的数据位如 IOCFG[15:14],是不可读写的
AFCFG(写保护)
(端口功能配置寄存器 2)
基地址:
0x40011000--0x40011400
偏移地址: 04H
Bit15
14
13
12
11
10
9
Bit8
Read:
PT[15:8]
Write:
Reset:
0
0
0
0
0
0
0
0
Bit7
6
5
4
3
2
1
Bit0
Read:
PT[7:0]
Write:
Reset:
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com