Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6015 Datasheet(PDF) 98 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Part # HT6015
Description  HT6X1X User Manual
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITREND [Hi-trend Technology (Shanghai) Co., Ltd.]
Direct Link  https://www.hitrendtech.com/
Logo HITREND - Hi-trend Technology (Shanghai) Co., Ltd.

HT6015 Datasheet(HTML) 98 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Back Button HT6015 Datasheet HTML 94Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 95Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 96Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 97Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 98Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 99Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 100Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 101Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 102Page - Hi-trend Technology (Shanghai) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 161 page
background image
HT6X1X 用户手册
版权归钜泉光电科技(上海)股份有限公司所有
http://www.hitrendtech.com
Page98 of 161
Rev1.9
11.7 特殊功能寄存器说明
LCD
Clock
Register
(LCDCLK
LCD 时钟频率选择寄存器)
基地址:
0x4000D000
偏移地址: 00H
Bit15
14
13
12
11
10
9
Bit8
Read:
X
X
X
X
X
X
X
X
Write:
Reset:
0
0
0
0
0
0
0
0
Bit7
6
5
4
3
2
1
Bit0
Read:
BIASCTL
X
X
DUTY1
DUTY0
LCLK2
LCLK1
LCLK0
Write:
Reset:
1
0
0
0
0
0
0
0
位
功能描述
BIASCTL
偏压驱动选择位
1:表示选择1/3 bias 偏压驱动
0:表示选择1/4 bias 偏压驱动
DUTY[2:0]
LCD的duty控制选择位
DUTY1
DUTY0
COMMON选择
Duty
0
0
Com0~Com3
1/4 duty
0
1
Com0~Com5
1/6 duty
1
X
Com0~Com7
1/8 duty
LCLK[2:0]
LCD扫描频率选择位:
LCD 单元的时钟来自低频时钟频率 Flf,Flf 经过分频之后作为 LCD 波形扫描频率
Flcd,Flcd 可以通过寄存器 LCLK[2:0]进行配置(详见下表)。LCD 帧扫描频率
Ffrm=Flcd*duty。如:1/4 duty 时,帧扫描频率 Ffrm=Flcd/4。
LCLK
Frame rate(Hz)
LCLK2
LCLK1
LCLK0
1/4 duty
1/6 duty
1/8duty
1
0
0
128
85.3
64
0
0
0
64
42.7
32
0
0
1
32
21.3
16
0
1
0
16
10.7
8
0
1
1
8
5.3
4
注:BIASCTL,DUTY[2:0]的设置参考液晶规格!LCLK[2:0]应设为 64Hz~100Hz。
LCD Control Register (LCDCON
LCD 驱动控制寄存器)
基地址:
0x4000D000
偏移地址: 04H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com